Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1356 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXLD1356
Description  60V 550mA LED DRIVER with AEC-Q100
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXLD1356 Datasheet HTML 2Page - Diodes Incorporated ZXLD1356 Datasheet HTML 3Page - Diodes Incorporated ZXLD1356 Datasheet HTML 4Page - Diodes Incorporated ZXLD1356 Datasheet HTML 5Page - Diodes Incorporated ZXLD1356 Datasheet HTML 6Page - Diodes Incorporated ZXLD1356 Datasheet HTML 7Page - Diodes Incorporated ZXLD1356 Datasheet HTML 8Page - Diodes Incorporated ZXLD1356 Datasheet HTML 9Page - Diodes Incorporated ZXLD1356 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ZXLD1356
ZXLD1356
Document number: DS33470 Rev. 3 - 2
6 of 29
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Device Description (Continued)
Switching thresholds
With VADJ = VREF, the ratios of R1, R2 and R3 define an average VSENSE switching threshold of 200mV (measured on the ISENSE
pin with respect to VIN). The average output current IOUTnom is then defined by this voltage and RS according to:
IOUTnom = 200mV/RS
Nominal ripple current is ±30mV/RS
Adjusting output current
The device contains a low pass filter between the ADJ pin and the threshold comparator and an internal current limiting resistor
(50k
Ω nom) between ADJ and the internal reference voltage. This allows the ADJ pin to be overdriven with either DC or pulse
signals to change the VSENSE switching threshold and adjust the output current.
Details of the different modes of adjusting output current are given in the applications section.
Output shutdown
The output of the low pass filter drives the shutdown circuit. When the input voltage to this circuit falls below the threshold
(0.2V nom.), the internal regulator and the output switch are turned off. The voltage reference remains powered during
shutdown to provide the bias current for the shutdown circuit. Quiescent supply current during shutdown is nominally 60µA and
switch leakage is below 5µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com