Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1356 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXLD1356
Description  60V 550mA LED DRIVER with AEC-Q100
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXLD1356 Datasheet HTML 1Page - Diodes Incorporated ZXLD1356 Datasheet HTML 2Page - Diodes Incorporated ZXLD1356 Datasheet HTML 3Page - Diodes Incorporated ZXLD1356 Datasheet HTML 4Page - Diodes Incorporated ZXLD1356 Datasheet HTML 5Page - Diodes Incorporated ZXLD1356 Datasheet HTML 6Page - Diodes Incorporated ZXLD1356 Datasheet HTML 7Page - Diodes Incorporated ZXLD1356 Datasheet HTML 8Page - Diodes Incorporated ZXLD1356 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ZXLD1356
ZXLD1356
Document number: DS33470 Rev. 3 - 2
3 of 29
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Voltages to GND Unless Otherwise Stated)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
-0.3 to +60
(65V for 0.5 sec)
V
VSENSE
ISENSE Voltage
+0.3 to -5
(measured with respect to VIN)
V
VLX
LX Output Voltage
-0.3 to +60
(65V for 0.5 sec)
V
VADJ
Adjust Pin Input Voltage
-0.3 to +6
V
ILX
Switch Output Current
0.65
A
PTOT
Power Dissipation
(Refer to Package thermal de-rating curve on page
25)
TSOT23-5
1
W
DFN3030-6
1.8
TST
Storage Temperature
-55 to 150
°C
TJ MAX
Junction Temperature
150
°C
These are stress ratings only. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended
periods, may reduce device reliability.
ESD Susceptibility
Rating
Unit
Human Body Model
500
V
Machine Model
<100
V
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling and
transporting these devices.
The human body model is a 100pF capacitor discharge through a 1.5k
Ω resistor pin. The machine model is a 200pF capacitor discharged directly into each pin
Thermal Resistance
Symbol
Parameter
Rating
Unit
TSOT23-5
DFN3030-6
θJA
Junction to Ambient
82
44
°C/W
ΨJB
Junction to Board
33
-
°C/W
θJC
Junction to Case
-
14
°C/W
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VIN
Input voltage (Note 1)
6
60
V
tOFFMIN
Minimum switch off-time
800
ns
tONMIN
Minimum switch on-time
800
ns
fLX max
Recommended maximum operating frequency (Note 2)
625
kHz
DLX
Duty cycle range
0.01
0.99
TOP
Operating Temperature range
-40
125
°C
Notes:
1. VIN > 16V to fully enhance output transistor. Otherwise out current must be derated - see graphs. Operation at low supply may cause excessive heating
due to increased on-resistance. Tested at 7V guaranteed for 6V by design.
2. ZXLD1356 will operate at higher frequencies but accuracy will be affected due to propagation delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com