Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1356 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXLD1356
Description  60V 550mA LED DRIVER with AEC-Q100
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXLD1356 Datasheet HTML 1Page - Diodes Incorporated ZXLD1356 Datasheet HTML 2Page - Diodes Incorporated ZXLD1356 Datasheet HTML 3Page - Diodes Incorporated ZXLD1356 Datasheet HTML 4Page - Diodes Incorporated ZXLD1356 Datasheet HTML 5Page - Diodes Incorporated ZXLD1356 Datasheet HTML 6Page - Diodes Incorporated ZXLD1356 Datasheet HTML 7Page - Diodes Incorporated ZXLD1356 Datasheet HTML 8Page - Diodes Incorporated ZXLD1356 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
ZXLD1356
ZXLD1356
Document number: DS33470 Rev. 3 - 2
1 of 29
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
60V 550mA LED DRIVER with AEC-Q100
Description
The ZXLD1356 is a continuous mode inductive step-down
converter, designed for driving single or multiple series
connected LEDs efficiently from a voltage source higher than
the LED voltage. The device operates from an input supply
between 6V and 60V and provides an externally adjustable
output current of up to 550mA. Depending upon supply
voltage and external components, this can provide up to
30 watts of output power.
The ZXLD1356 has been qualified to AECQ100 Grade 1
enabling operation in ambient temperatures from -40 to
125°C
Output current can be adjusted above, or below the set
value, by applying an external control signal to the 'ADJ' pin.
Enhanced output current dimming can be achieved by
applying a PWM signal to the ‘ADJ’ pin.
Pin Assignments
Features
• Typically better than 0.8% output current accuracy
• Simple and with low part count
• Single pin on/off and brightness control using DC voltage
or PWM
• PWM resolution up to 1000:1
• High efficiency (up to 97%)
• Wide input voltage range: 6V to 60V
• Inherent open-circuit LED protection
• Available in thermally enhanced packages
o
DFN3030-6
θJA
44° C/W
o
TSOT23-5
θJA
82° C/W
• Available in Green molding (no Br, Sb) with lead free
finish/RoHS compliant
• Qualified to AEC-Q100 Grade 1
o
TSOT23-5
ZXLD1356ET5TA
Applications
• Low voltage halogen replacement LEDs
• Automotive lighting
• Low voltage industrial lighting
• LED back-up lighting
• Illuminated signs
• Emergency lighting
• SELV lighting
• Refrigeration lights
Typical Application Circuit
I
SENSE
V
IN
ADJ
GND
LX
TSOT23-5
Top View
1
2
3
4
5
6
DFN3030-6
(TOP VIEW)
LX
GND
ADJ
V
IN
I
SENSE
GND
 
VIN
ISENSE
LX
GND
ZXLD1356
ADJ
VIN (24V)
Rs
0.36V
4.7µF
C1
GND
100nF
D1
L1


Similar Part No. - ZXLD1356

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1356 DIODES-ZXLD1356 Datasheet
1Mb / 32P
High accuracy 550mA, 60V LED driver with internal switch
ZXLD1356DACTC DIODES-ZXLD1356DACTC Datasheet
611Kb / 29P
60V 550mA LED DRIVER and AUTOMOTIVE GRADE
Rev 4
ZXLD1356ET5TA DIODES-ZXLD1356ET5TA Datasheet
611Kb / 29P
60V 550mA LED DRIVER and AUTOMOTIVE GRADE
Rev 4
ZXLD1356Q DIODES-ZXLD1356Q Datasheet
1Mb / 28P
AUTOMOTIVE GRADE 60V 550mA LED DRIVER
Rev 2
ZXLD1356QDACTC DIODES-ZXLD1356QDACTC Datasheet
1Mb / 28P
AUTOMOTIVE GRADE 60V 550mA LED DRIVER
Rev 2
More results

Similar Description - ZXLD1356

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1356 DIODES-ZXLD1356 Datasheet
1Mb / 32P
High accuracy 550mA, 60V LED driver with internal switch
ZXLD1350 DIODES-ZXLD1350 Datasheet
467Kb / 22P
30V 350mA LED DRIVER with AEC-Q100
Rev 7
ZXLD1360 DIODES-ZXLD1360 Datasheet
319Kb / 25P
d30V 1A LED DRIVER with AEC-Q100
Rev 3
ZXLD1362 DIODES-ZXLD1362 Datasheet
369Kb / 28P
60V 1A LED DRIVER WITH AEC-Q100
Rev 2
ZXLD1370_1103 DIODES-ZXLD1370_1103 Datasheet
859Kb / 36P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
Rev 4
ZXLD1362 DIODES-ZXLD1362_12 Datasheet
365Kb / 24P
60V 1A LED DREIVER WITH AEC-Q100
Rev 5
ZXLD1366ET5TA DIODES-ZXLD1366ET5TA Datasheet
856Kb / 30P
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
Rev 7
ZXLD1356Q DIODES-ZXLD1356Q Datasheet
1Mb / 28P
AUTOMOTIVE GRADE 60V 550mA LED DRIVER
Rev 2
ZXLD1362 DIODES-ZXLD1362_14 Datasheet
471Kb / 25P
60V 1A LED DRIVER WITH AEC-Q100
Rev 6
ZXLD1366 DIODES-ZXLD1366_16 Datasheet
1Mb / 30P
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
Rev 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com