Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1356 Datasheet(PDF) 24 Page - Diodes Incorporated

Part # ZXLD1356
Description  60V 550mA LED DRIVER with AEC-Q100
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356 Datasheet(HTML) 24 Page - Diodes Incorporated

Back Button ZXLD1356 Datasheet HTML 20Page - Diodes Incorporated ZXLD1356 Datasheet HTML 21Page - Diodes Incorporated ZXLD1356 Datasheet HTML 22Page - Diodes Incorporated ZXLD1356 Datasheet HTML 23Page - Diodes Incorporated ZXLD1356 Datasheet HTML 24Page - Diodes Incorporated ZXLD1356 Datasheet HTML 25Page - Diodes Incorporated ZXLD1356 Datasheet HTML 26Page - Diodes Incorporated ZXLD1356 Datasheet HTML 27Page - Diodes Incorporated ZXLD1356 Datasheet HTML 28Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
ZXLD1356
ZXLD1356
Document number: DS33470 Rev. 3 - 2
24 of 29
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (Continued)
Thermal considerations
When operating the device at high ambient temperatures, or when driving maximum load current, care must be taken to avoid
exceeding the package power dissipation limits. The graph below gives details for power derating. This assumes the device to be
mounted on a (25mm)
2 PCB with 1oz copper standing in still air.
Note that the device power dissipation will most often be a maximum at minimum supply voltage. It will also increase if the
efficiency of the circuit is low. This may result from the use of unsuitable coils, or excessive parasitic output capacitance on the
switch output.
Thermal compensation of output current
High luminance LEDs often need to be supplied with a temperature compensated current in order to maintain stable and reliable
operation at all drive levels. The LEDs are usually mounted remotely from the device so, for this reason, the temperature
coefficients of the internal circuits for the ZXLD1356 have been optimized to minimize the change in output current when no
compensation is employed. If output current compensation is required, it is possible to use an external temperature sensing
network - normally using Negative Temperature Coefficient (NTC) thermistors and/or diodes, mounted very close to the LED(s).
The output of the sensing network can be used to drive the ADJ pin in order to reduce output current with increasing
temperature.
TSOT23-5
DFN3030-6
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ambient Temperature (°C)
140
Maximum Power Dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com