Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1356 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXLD1356
Description  60V 550mA LED DRIVER with AEC-Q100
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXLD1356 Datasheet HTML 1Page - Diodes Incorporated ZXLD1356 Datasheet HTML 2Page - Diodes Incorporated ZXLD1356 Datasheet HTML 3Page - Diodes Incorporated ZXLD1356 Datasheet HTML 4Page - Diodes Incorporated ZXLD1356 Datasheet HTML 5Page - Diodes Incorporated ZXLD1356 Datasheet HTML 6Page - Diodes Incorporated ZXLD1356 Datasheet HTML 7Page - Diodes Incorporated ZXLD1356 Datasheet HTML 8Page - Diodes Incorporated ZXLD1356 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ZXLD1356
ZXLD1356
Document number: DS33470 Rev. 3 - 2
4 of 29
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Electrical Characteristics (Test conditions: V
IN = 12V, T
amb = 25°C, unless otherwise specified.)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VSU
Internal regulator start-up threshold
4.85
5.2
V
VSD
Internal regulator shutdown threshold
4.4
4.75
V
IINQoff
Quiescent supply current with output off
ADJ pin grounded
65
108
µA
IINQon
Quiescent supply current with output switching
(Note 3)
ADJ pin floating,
L=68mH, 3 LEDs
f=360kHz
1.6
mA
VSENSE
Mean current sense threshold voltage
(Defines LED current setting accuracy)
Measured on ISENSE pin
with respect to VIN
VADJ=1.25V; VIN=18V
195
200
205
mV
VSENSEHYS
Sense threshold hysteresis
±15
%
ISENSE
ISENSE pin input current
VSENSE=VIN-0.2
4
10
µA
VREF
Internal reference voltage
Measured on ADJ pin
with pin floating
1.25
V
ΔV
REF/ΔT
Temperature coefficient of VREF
50
ppm/°C
VADJ
External control voltage range on ADJ pin for DC
brightness control (Note 4)
0.3
2.5
V
VADJoff
DC voltage on ADJ pin to switch device from
active (on) state to quiescent (off) state
VADJ falling
0.15
0.2
0.27
V
VADJon
DC voltage on ADJ pin to switch device from
quiescent (off) state to active (on) state
VADJ rising
0.2
0.25
0.3
V
RADJ
Resistance between ADJ pin and VREF
0< VADJ< VREF
VADJ>VREF +100mV
30
10.4
50
14.2
65
18
k
Ω
ILXmean
Continuous LX switch current
0.55
A
RLX
LX switch ‘On’ resistance
@ ILX=0.55A
0.5
0.75
Ω
ILX(leak)
LX switch leakage current
5
µA
DPWM(LF)
Duty cycle range of PWM signal applied to ADJ
pin during low frequency PWM dimming mode
PWM frequency
<300Hz PWM
amplitude =VREF
Measured on ADJ pin
0.001
1
Brightness control range
1000:1
DCADJ
(*)
DC Brightness control range
Note 5
5:1
tSS
Start up time
(See graphs for more details)
Time taken for output
current to reach 90% of
final value after voltage
on ADJ pin has risen
above 0.3V.
Requires external
capacitor 22nF.
2
ms
fLX
Operating frequency
(See graphs for more details)
ADJ pin floating
L=68mH (0.36V)
IOUT=0.55A @
VLED=3.6V
Driving 3 LEDs
360
kHz
fLXmax
Recommended maximum operating frequency
500
kHz
Notes:
3. Static current of device is approximately 700 µA, see Graph, Page 17.
4. 100% brightness corresponds to VADJ = VADJ(nom) = VREF. Driving the ADJ pin above VREF will increase the VSENSE. threshold and output current
proportionally.
5. Ratio of maximum brightness to minimum brightness before shutdown VREF =1.25/0.25. VREF externally driven to 2.5V, ratio 10.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com