Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1356 Datasheet(PDF) 22 Page - Diodes Incorporated

Part # ZXLD1356
Description  60V 550mA LED DRIVER with AEC-Q100
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356 Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button ZXLD1356 Datasheet HTML 18Page - Diodes Incorporated ZXLD1356 Datasheet HTML 19Page - Diodes Incorporated ZXLD1356 Datasheet HTML 20Page - Diodes Incorporated ZXLD1356 Datasheet HTML 21Page - Diodes Incorporated ZXLD1356 Datasheet HTML 22Page - Diodes Incorporated ZXLD1356 Datasheet HTML 23Page - Diodes Incorporated ZXLD1356 Datasheet HTML 24Page - Diodes Incorporated ZXLD1356 Datasheet HTML 25Page - Diodes Incorporated ZXLD1356 Datasheet HTML 26Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
ZXLD1356
ZXLD1356
Document number: DS33470 Rev. 3 - 2
22 of 29
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (Continued)
Inductor Selection
Recommended inductor values for the ZXLD1356 are in the range 68 µH to 220 µH.
Higher values of inductance are recommended at higher supply voltages in order to minimize errors due to switching delays,
which result in increased ripple and lower efficiency. Higher values of inductance also result in a smaller change in output current
over the supply voltage range. (see graphs pages 10-16). The inductor should be mounted as close to the device as possible
with low resistance connections to the LX and VIN pins.
The chosen coil should have a saturation current higher than the peak output current and a continuous current rating above the
required mean output current.
Suitable coils for use with the ZXLD1356 may be selected from the MSS range manufactured by Coilcraft, or the NPIS range
manufactured by NIC components. The following websites may be useful in finding suitable components
www.coilcraft.com
www.niccomp.com
www.wuerth-elektronik.de
The inductor value should be chosen to maintain operating duty cycle and switch 'on'/'off' times within the specified limits over
the supply voltage and load current range.
Figures 3 and 4 (following) can be used to select a recommended inductor based on maintaining the ZXLD1356 case
temperature below 60°C for the different package types. For detailed performance characteristics for the inductor values 68, 100,
150 and 220µH see graphs on pages 10-16.
Figure 3. ZXLD1356 Minimum Recommended Inductor
Minimum Recommended Inductor
2% Accuracy, <60°C Case Temperature
0
1020
304050
60
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Supply Voltage (V)
Legend
68uH
100uH
150uH
220uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com