Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33892 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 33892
Description  Quad Intelligent High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33892 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 33892 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
33892
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
22
Previous Address SOA[4:0]=A1A0000
The bits OD[3:0] will reflect the current state of the Fault
Register (FLTR) corresponding to the output previously
selected with the bits A1A0 (Table 10).
Note The FS terminal reports all faults. For latched faults,
this terminal is reset by a new Switch ON command (via SPI or
direct input IN).
Previous Address SOA[4:0]=x0001
Data in bits OD[3:0] contains IN_SPI[3:0]-programmed bits
for channel from HS3 to HS0, respectively.
Previous Address SOA[4:0]=x1001
Data in bits OD[3:0] contains the programmed CSNS EN[3:0]
bits for channels HS3 to HS0, respectively.
Previous Address SOA[4:0]=A1A0010
Data returned in bits OD[3:0] are programmed current values
for the overcurrent high detection level (refer to Table 5,
page 20) and the overcurrent low detection level (refer to
Table 4, page 20), corresponding to the output previously
selected with A1A0.
Previous Address SOA[4:0]=A1A0011
The returned data contains the programmed values in the
CDTOLR register for the output selected with A1A0.
Previous Address SOA[4:0]=A1A0100
The returned data contains the programmed values in the
DICR register for the output selected with A1A0.
Previous Address SOA[4:0]=A1A0101
The returned data contains the programmed values in the
UOVR register.
Previous Address SOA[4:0]=x1101
The returned data contains the programmed values in the
WDR register. Bit OD2 (WDTO) reflects the status of the
watchdog circuitry. If WDTO bit is [1], the watchdog has timed
out and the 33892 is in Fail-Safe mode. IF WDTO is [0], the
device is in Normal mode (assuming the device is powered and
not in the Sleep mode), with the watchdog either enabled or
disabled.
Previous Address SOA[4:0]=x0110
The returned data OD3 and OD2 contain the state of the
outputs HS2 and HS0, respectively, in case of Fail-Safe state.
This information is stated with the external resistance placed at
the FSI terminal. OD1 indicates if the watchdog is enabled or
not. OD0 returns the state of the WAKE terminal.
Previous Address SOA[4:0]=x1110
The returned data OD[3:0] reflects the state of the direct
terminals IN3 to IN0, respectively.
Table 9. Serial Output Bit Map Description
Previous STATR
SO Returned Data
SO
A4
SO
A3
SO
A2
SO
A1
SO
A0
OD
15
OD
14
OD
13
OD
12
OD
11
OD
10
OD9 OD8 OD7 OD6 OD5 OD4
OD3
OD2
OD1
OD0
A1 A0 0
0
0
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
OTF_s
OCHF_s
OCLF_s
OLF_s
x
0
0
0
1
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
IN_SPI3
IN_SPI2
IN_SPI1
IN_SPI0
x
1
0
0
1
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
CSNS EN3
CSNS EN2
CSNS EN1
CSNS EN0
A1 A0 0
1
0
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
SOCH_s
SOCL2_s
SOCL1_s
SOCL0_s
A1 A0 0
1
1
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
OL_DIS_s
OCL_DIS_s
OCLT1_s
OCLT0_s
A1 A0 1
0
0
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
Fast_SR_s
CSNS_high_s
DIR_DIS_s
A/O_s
x
0
1
0
1
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
–
–
UV_DIS
OV_DIS
x
1
1
0
1
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
–
WDTO
WD1
WD0
x
0
1
1
0
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
HS2_failsaf
HS0_failsaf
WD_en
WAKE
x
1
1
1
0
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
IN3
IN2
IN1
IN0
x=Don’t care.
s=Output selection with the bits A1A0 as defined in Table 3, page 19.
Table 10. Channel-Specific Fault Register
OD3
OD2
OD1
OD0
OTF_s
OCHF_s
OCLF_s
OLF_s
s=Selection of the output.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com