Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33892 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 33892
Description  Quad Intelligent High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33892 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 33892 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33892
19
Device Register Addressing
The following section describes the possible register
addresses and their impact on device operation.
Address xx000—Status Register (STATR)
The STATR register is used to read the device status and
the various configuration register contents without disrupting
the device operation or the register contents. The register bits
D[4:0] determine the content of the first sixteen bits of SO data.
In addition to the device status, this feature provides the ability
to read the content of the OCR0, OCR1, SOCHLR, CDTOLR,
DICR, UOVR, WDR, and NAR registers. (Refer to the section
entitled Serial Output Communication (Device Status Return
Data) beginning on page 21.)
Address x0001—Output Control Register (OCR0)
The OCR0 register allows the MCU to control the ON/OFF
state of four outputs through the SPI. Incoming message bit
D[3:0] reflects the desired states of the four high-side outputs
(IN_SPI), respectively. A logic [1] enables the corresponding
output switch and a logic [0] turns it OFF.
Address x1001—Output Control Register (OCR1)
Incoming message bit D[3:0] reflects the desired channel
that will be mirrored on the Current Sense (CSNS) terminal. A
logic [1] on message bit D[3:0] enables the CSNS terminal for
the outputs HS3–HS0, respectively. In the event that the
current sense is enabled for multiple outputs, the current will be
summed. In the event that all bits D[3:0] are logic [0], the output
CSNS will then tri-stated. This is useful when several CSNS
terminals of several devices share the same A/D converter.
Address A1A0010—Select Overcurrent High and Low
Register (SOCHLR_s)
The SOCHLR_s register allows the MCU to configure the
output overcurrent low and high detection levels, respectively.
Each output “s” is independently selected for configuration
based on the state of the D12–D11 bits (Table 3).
Each output can be configured to different levels. In addition
to protecting the device, this slow blow fuse emulation feature
can be used to optimize the load requirements matching
system characteristics. Bits D2–D0 set the overcurrent low
detection level to one of eight possible levels, as shown in
Table 4, page 20. Bit D3 sets the overcurrent high detection
level to one of two levels, as outlined in Table 5, page 20.
Table 2. Serial Input Address and Configuration Bit Map
SI Register
SI Data
D15
D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
STATR
WDIN
x
x
x
x
0
0
0
x
x
x
SOA4
SOA3
SOA2
SOA1
SOA0
OCR0
WDIN
x
x
x
0
0
0
1
x
x
x
x
IN_SPI3
IN_SPI2
IN_SPI1
IN_SPI0
OCR1
WDIN
x
x
x
1
0
0
1
x
x
x
x
CSNS EN3
CSNS EN2
CSNS EN1 CSNS EN0
SOCHLR_s
WDIN
x
x
A1
A0
0
1
0
x
x
x
x
SOCH_s
SOCL2_s
SOCL1_s
SOCL0_s
CDTOLR_s
WDIN
x
x
A1
A0
0
1
1
x
x
x
x
OL_DIS_s
OCL_DIS_s
OCLT1_s
OCLT0_s
DICR_s
WDIN
x
x
A1
A0
1
0
0
x
x
x
x
FAST_SR_s CSNS_high_s DIR_DIS_s
A/O_s
UOVR
WDIN
x
x
x
0
1
0
1
x
x
x
x
x
x
UV_DIS
OV_DIS
WDR
WDIN
x
x
x
1
1
0
1
x
x
x
x
x
x
WD1
WD0
NAR
WDIN
x
x
x
x
1
1
0
x
x
x
x
No Action (Allow Toggling of D15–WDIN)
TEST
WDIN
x
x
x
x
1
1
1
x
x
x
x
Motorola Internal Use (Test)
x=Don’t care.
s=Output selection with the bits A1A0 as defined in Table 3.
Table 3. Channel Selection
A1 (D12)
A0 (D11)
HS_s
0
0
HS0
0
1
HS1
1
0
HS2
1
1
HS3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com