Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33892 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33892
Description  Quad Intelligent High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33892 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33892 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33892
11
DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 4.5 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted. Typical
values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT TIMING HS0, HS1, HS2, AND HS3
Output Rising Slow Slew Rate A (DICR D3 = 0) (Note 23)
9.0 V < VPWR < 16 V
SRRA_SLOW
0.1
0.3
0.5
V/
µs
Output Rising Slow Slew Rate B (DICR D3 = 0) (Note 24)
9.0 V < VPWR < 16 V
SRRB_SLOW
0.015
0.05
0.15
V/
µs
Output Rising Fast Slew Rate A (DICR D3 = 1) (Note 23)
9.0 V < VPWR < 16 V
SRRA_FAST
0.2
0.5
1.5
V/
µs
Output Rising Fast Slew Rate B (DICR D3 = 1) (Note 24)
9.0 V < VPWR < 16 V
SRRB_FAST
0.015
0.05
0.5
V/
µs
Output Falling Slow Slew Rate A (DICR D3 = 0) (Note 23)
9.0 V < VPWR < 16 V
SRFA_SLOW
0.1
0.3
0.5
V/
µs
Output Falling Slow Slew Rate B (DICR D3 = 0) (Note 24)
9.0 V < VPWR < 16 V
SRFB_SLOW
0.015
0.05
0.15
V/
µs
Output Falling Fast Slew Rate A (DICR D3 = 1) (Note 23)
9.0 V < VPWR < 16 V
SRFA_FAST
0.4
1.0
2.0
V/
µs
Output Falling Fast Slew Rate B (DICR D3 = 1) (Note 24)
9.0 V < VPWR < 16 V
SRFB_FAST
0.05
0.175
0.6
V/
µs
Output Turn-ON Delay Time in Fast/Slow Slew Rate (Note 25)
DICR = 0, DICR = 1
tDLY(ON)
2.0
30
200
µs
Output Turn-OFF Delay Time in Slow Slew Rate Mode (Note 26)
DICR = 0
tDLY_SLOW(OFF)
40
460
1000
µs
Output Turn-OFF Delay Time in Fast Slew Rate Mode (Note 26)
DICR = 1
tDLY_FAST(OFF)
20
120
400
µs
Direct Input Switching Frequency (DICR D3 = 0)
fPWM
–
–
300
Hz
Overcurrent Low Detection Blanking Time (OCLT[1:0])
00
01
10
11
tOCL0
tOCL1
tOCL2
tOCL3
108
434
55
0.08
155
620
75
0.15
202
806
95
0.25
ms
Notes
23.
Rise and Fall Slew Rates A measured across a 5.0
Ω resistive load at high-side output = 0.5 V to VPWR-3.5 V (see Figure 2, page 14). These
parameters are guaranteed by process monitoring.
24.
Rise and Fall Slew Rates B measured across a 5.0
Ω resistive load at high-side output = 0.5 V to VPWR-3.5 V (see Figure 2). These
parameters are guaranteed by process monitoring.
25.
Turn-ON delay time measured from rising edge of any signal (IN[0:3], SCLK, CS) that would turn the output ON to VHS = 0.5 V with RL = 5.0 Ω
resistive load.
26.
Turn-OFF delay time measured from falling edge of any signal (IN[0:3], SCLK, CS) that would turn the output OFF to VHS = VPWR-0.5 V with
RL =5.0 Ω resistive load.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com