Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33892 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 33892
Description  Quad Intelligent High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33892 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 33892 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 28Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33892
25
PACKAGE DIMENSIONS
M
M
DETAIL G
VIEW A
VIEW M M
PIN 1
INDEX AREA
0.1 C
2X
C
0.1
2X
A
B
10
10
5
10
11
13
14
24
22
21
5
17
18
19
20
PIN NUMBER
REF. ONLY
21
PIN NUMBER
REF. ONLY
12
10
24
22
11
13
15
16
14
20
19
18
17
3.0
2.7
4.45
4.05
2.45
2.05
0.1
A
CB
0.1
A
CB
1.43
0.93
2X
1.3
0.8
2X
(0.25)
(0.75)
2.2
1.8
2X
0.1
A
CB
9.70
9.30
0.1
A
CB
0.1
A
CB
7.2
6.8
(1.25)
(0.1)
(0.25)
0.5
2.525
(0.25)
(0.25)
2.3
1.8
2X
4.95
4.65
0.1
A
CB
2X
0.65
1.375
3.2
5.85
21
1.65
1.35
2X
0.1
A
CB
(0.25)
NOTES:
1.
2.
3.
4.
5.
6.
ALL DIMENSIONS ARE IN MILLIMETERS.
DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
THE COMPLETE JEDEC DESIGNATOR FOR THIS
PACKAGE IS: HF-PQFP-N.
COPLANARITY APPLIES TO LEADS AND CORNER
LEADS.
METAL PADS CONNECTED TO THE GND.
MINIMUM METAL GAP SHOULD BE 0.25MM.
PNC SUFFIX
24-TERMINAL POWER QFN
NON-LEADED PACKAGE
CASE 1558-02
ISSUE A
SHEET 1 OF 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com