Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33892 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33892
Description  Quad Intelligent High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33892 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33892 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
33892
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
2
Figure 1. 33892 Simplified Internal Block Diagram
GND
Programmable
Watchdog
310 ms–2500 ms
Overtemperature
Detection
Selectable Output Current
HS[0:1]: 1/13000 or 1/40000
Open
Load
Detection
Logic
SPI
3.0 MHz
Selectable Current
Detection Time
0.15 ms–620 ms
Selectable Over-
current Detection
HS[0:1]: 4.8 A–18.2 A
Selectable Current Limit
HS[0:1]: 100 A or 70 A
Internal
Regulator
Selectable Slew
Rate Gate Drive
Over/Undervoltage
Protection
HS0
CSNS
VPWR
VDD
CS
SCLK
SO
SI
RST
WAKE
FS
IN0
FSI
IN3
HS1
HS0
HS1
HS[2:3]: 1/6500 or 1/20000
Recopy (Analog MUX)
HS2
HS3
HS2
HS3
HS[2:3]: 50 A or 35 A
HS[2:3]: 2.4 A–9.1 A
IN1
IN2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com