Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33892 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33892
Description  Quad Intelligent High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33892 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33892 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
33892
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
12
POWER OUTPUT TIMING HS0, HS1, HS2, AND HS3 (continued)
Overcurrent High Detection Blanking Time
tOCH
1.0
10
20
µs
CS
to CSNS Valid Time (Note 27)
CNSVAL
–
–
10
µs
Watchdog Timeout (WD[1:0]) (Note 28)
00
01
10
11
tWDTO0
tWDTO1
tWDTO2
tWDTO3
496
248
2000
1000
620
310
2500
1250
806
403
3250
1625
ms
Notes
27.
Time necessary for the CSNS to be with ±5% of the targeted value.
28.
Watchdog timeout delay measured from the rising edge of WAKE or RST from a sleep state condition, to output turn-ON with the output driven
OFF and FSI floating. The values shown are for WDR setting of [00]. The accuracy of tWDTO is consistent for all configured watchdog
timeouts.
DYNAMIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 4.5 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted. Typical
values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com