Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33892 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 33892
Description  Quad Intelligent High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33892 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 33892 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
33892
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
18
Figure 7. Single 16-Bit Word SPI Communication
Serial Input Communication
SPI communication is accomplished using 16-bit messages.
A message is transmitted by the MCU starting with the MSB
D15 and ending with the LSB, D0 (Table 1). Each incoming
command message on the SI terminal can be interpreted using
the following bit assignments: the MSB, D15, is the watchdog
bit. In some cases, output channel selection is done with bits
D12–D11. The next three bits, D10–D8, are used to select the
command register. The remaining five bits, D4–D0, are used to
configure and control the outputs and their protection features.
Multiple messages can be transmitted in succession to
accommodate those applications where daisy chaining is
desirable, or to confirm transmitted data, as long as the
messages are all multiples of 16 bits. Any attempt made to latch
in a message that is not 16 bits will be ignored.
The 33892 has defined registers, which are used to
configure the device and to control the state of the outputs.
Table 2, page 19, summarizes the SI registers.
CS
CSB
SI
SCLK
SO
D15
D1
D2
D3
D4
D5
D6
D7
D8
D9
D14
D13
D12
D11
D10
OD12
D0
OD13
OD14
OD15
OD6
OD7
OD8
OD9
OD10
OD11
OD1
OD2
OD3
OD4
OD5
1.
RSTB is in a logic H state during the above operation.
2.
DO, D1, D2, ... , and D15 relate to the most recent ordered entry of program data into the LUX IC
3.
OD0, OD1, OD2, ..., and OD15 relate to the first 16 bits of ordered fault and status data out of the LUX IC
NOTES:
OD0
CS
device.
device.
1. RST is a logic [1] state during the above operation.
2. D15–D0 relate to the most recent ordered entry of data into the device.
3. OD15–OD0 relate to the first 16 bits of ordered fault and status data out of the device.
Notes
Table 1. SI Message Bit Assignment
Bit Sig SI Msg Bit
Message Bit Description
MSB
D15
Watchdog in: toggled to satisfy watchdog
requirements.
D14–D15
Not used.
D12–D11
Register address bits used in some cases for
output channel selection.
D10–D8
Register address bits.
D7–D5
Not used.
D4–D1
Used to configure the inputs, outputs, and the
device protection features and SO status
content.
LSB
D0
Used to configure the inputs, outputs, and the
device protection features and SO status
content.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com