Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362F Datasheet(PDF) 22 Page - Microchip Technology

Part # RFHCS362F
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362F Datasheet(HTML) 22 Page - Microchip Technology

Back Button RFHCS362F Datasheet HTML 18Page - Microchip Technology RFHCS362F Datasheet HTML 19Page - Microchip Technology RFHCS362F Datasheet HTML 20Page - Microchip Technology RFHCS362F Datasheet HTML 21Page - Microchip Technology RFHCS362F Datasheet HTML 22Page - Microchip Technology RFHCS362F Datasheet HTML 23Page - Microchip Technology RFHCS362F Datasheet HTML 24Page - Microchip Technology RFHCS362F Datasheet HTML 25Page - Microchip Technology RFHCS362F Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
rfHCS362G/362F
DS41189B-page 22
© 2011 Microchip Technology Inc.
TABLE 4-3:
CONFIG_1
4.5.5
GUARD
The Guard time between code words can be set to 0
ms, 6.4 ms, 25.6 ms and 76.8 ms. If during a series of
code words, the output changes from Hopping Code to
Seed the Guard time will increase by 3 x TE.
4.5.6
TIMOUT[0..1]
The transmission time-out can be set to 0.8 s, 3.2 s,
25.6 s or no time-out. After the time-out period, the
encoder will stop transmission and enter a low power
Shutdown mode.
4.5.7
DISC[0..9]
The discrimination bits are used to validate the
decrypted code word. The discrimination value is typi-
cally programmed with the 10 Least Significant bits of
the serial number or a fixed value.
4.5.8
OVR[0..1]
The automatically incrementing synchronization coun-
ter is at the core of generating the varying code. Since
the counter is limited to 16 bits, it overflows after 65536
increments, after which the code hopping sequence
repeats. In practice, this allows 20+ operations per day
for ten years before repeating the sequence. In addi-
tion, two overflow bits allow the sequence to be
extended further. The feature is enabled by setting to
logical “1” the two overflow bits OVL0 and OVL1. The
overflow bits form part of the encrypted transmission,
and therefore can be examined by receiver firmware.
Table 4-4 shows how the overflow bits act when they
are set to one during initial device configuration.
TABLE 4-4:
As can be seen from the table, the counter is effectively
extended by one bit, that is OVL0. In addition, OVL1
provides indication of the second counter overflow.
After the second overflow, OVL0 and OVL1 remain
zero, providing permanent evidence of the first and
second overflow events.
Bit
Address
Field
Description
Values
0
DISC_0
Discrimination bits
DISC
[9:0]
1
DISC_1
2
DISC_2
...
...
8
DISC_8
9
DISC_9
10
OVR_0
Overflow
OVR
[1:0]
11
OVR_1
12
XSER
Extended Serial Number
0
- Disable
1
- Enable
13
SEEDC
Seed Control
0
= Seed transmission on:
S[3210]
= 0001 (delay 1.6 s)
S[3210]
= 0101 (immediate)
1
= Seed transmission on:
S[3210]
= 0011 (delay 3.2 s)
S[3210]
= 1001 (immediate)
14
SEED_0
Seed options
00
- No Seed
01
- Limited Seed (Permanent and Delayed)
10
- Permanent and Delayed Seed
11
- Permanent Seed only
15
SEED_1
Sync. Counter
OVL0
OVL1
No overflow
0-FFFFH
11
First overflow
2nd 0-FFFFH
01
Second overflow
Third 0-FFFFH
00
Subsequent overflows
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com