Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362F Datasheet(PDF) 25 Page - Microchip Technology

Part # RFHCS362F
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362F Datasheet(HTML) 25 Page - Microchip Technology

Back Button RFHCS362F Datasheet HTML 21Page - Microchip Technology RFHCS362F Datasheet HTML 22Page - Microchip Technology RFHCS362F Datasheet HTML 23Page - Microchip Technology RFHCS362F Datasheet HTML 24Page - Microchip Technology RFHCS362F Datasheet HTML 25Page - Microchip Technology RFHCS362F Datasheet HTML 26Page - Microchip Technology RFHCS362F Datasheet HTML 27Page - Microchip Technology RFHCS362F Datasheet HTML 28Page - Microchip Technology RFHCS362F Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
© 2011 Microchip Technology Inc.
DS41189B-page 25
rfHCS362G/362F
5.0
PROGRAMMING THE
rfHCS362G/362F
When using the rfHCS362G/362F in a system, the user
will have to program some parameters into the device,
including the serial number and the secret key before it
can be used. The programming cycle allows the user to
input all 288 bits in a serial data stream, which are then
stored internally in EEPROM. Programming will be
initiated by forcing the DATA line HIGH, after the S2 line
has been held HIGH for the appropriate length of time
(Table 10-3 and Figure 5-1). After the Program mode is
entered, a delay must be provided to the device for the
automatic bulk write cycle to complete. This will write all
locations in the EEPROM to an all zeros pattern includ-
ing the OSC calibration bits.
The device can then be programmed by clocking in 16
bits at a time, using S2 as the clock line and DATA as
the data in-line. After each 16-bit word is loaded, a pro-
gramming delay is required for the internal program
cycle to complete. This delay can take up to Twc. At the
end of the programming cycle, the device can be veri-
fied (Figure 5-2) by reading back the EEPROM. Read-
ing is done by clocking the S2 line and reading the data
bits on DATA. For security reasons, it is not possible to
execute a Verify function without first programming the
EEPROM. A Verify operation can only be done
once, immediately following the Program cycle.
FIGURE 5-1:
PROGRAMMING WAVEFORMS
FIGURE 5-2:
VERIFY WAVEFORMS
Note:
To ensure that the device does not
accidentally enter Programming mode,
DATA should never be pulled high by
the circuit connected to it. Special care
should be taken when driving circuits
other than the RFENIN.
DATA
Enter Program
Mode
(Data)
(Clock)
Note 1: Unused button inputs to be held to ground during the entire programming sequence.
Bit 0
Bit 1
Bit 2
Bit 3
Bit 14
Bit 15
Bit 16
Bit 17
TPH1
TPBW
TPS
Repeat for each word (18 times)
TPH2
TCLKH
TCLKL
TWC
TDS
S2 (S3)
Data for Word 0 (KEY_0)
Data for Word 1
TDH
2: The VDD pin must be taken to ground after a Program/Verify cycle.
DATA
(Clock)
(Data)
Note: If a Verify operation is to be done, then it must immediately follow the Program cycle.
End of Programming Cycle
Beginning of Verify Cycle
Bit 1 Bit 2
Bit 3
Bit 15
Bit 14
Bit 16 Bit 17
Bit286 Bit287
TWC
Data from Word 0
TDV
S2 (S3)
Bit 0
Bit287
Bit286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com