Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362F Datasheet(PDF) 12 Page - Microchip Technology

Part # RFHCS362F
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362F Datasheet(HTML) 12 Page - Microchip Technology

Back Button RFHCS362F Datasheet HTML 8Page - Microchip Technology RFHCS362F Datasheet HTML 9Page - Microchip Technology RFHCS362F Datasheet HTML 10Page - Microchip Technology RFHCS362F Datasheet HTML 11Page - Microchip Technology RFHCS362F Datasheet HTML 12Page - Microchip Technology RFHCS362F Datasheet HTML 13Page - Microchip Technology RFHCS362F Datasheet HTML 14Page - Microchip Technology RFHCS362F Datasheet HTML 15Page - Microchip Technology RFHCS362F Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
rfHCS362G/362F
DS41189B-page 12
© 2011 Microchip Technology Inc.
3.0
ENCODER OPERATION
The rfHCS362G/362F will wake-up upon detecting a
switch closure and then delay for switch debounce
(Figure 3-1). The synchronization information, fixed
information and switch information will be encrypted to
form the hopping code. The encrypted or hopping code
portion of the transmission will change every time a
button is pressed, even if the same button is pushed
again. Keeping a button pressed for a long time will
result in the same code word being transmitted until the
button is released or time-out occurs.
The time-out time can be selected with the time-out
(TIMOUT[0..1]) configuration option. This option
allows the time-out to be disabled or set to 0.8 s, 3.2 s
or 25.6 s. When a time-out occurs, the device will go
into SLEEP mode to protect the battery from draining
when a button gets stuck.
If in the transmit process, and a new button is pressed,
the current code word will be aborted. A new code word
will be transmitted and the time-out counter will RESET.
If all the buttons are released, the minimum code words
will be completed. The minimum code words can be set
to 1, 2, 4 or 8 using the Minimum Code Words
(MTX[0..1]) configuration option. If the time for trans-
mitting the minimum code words is longer than the
time-out time, the device will not complete the minimum
code words.
A code that has been transmitted will not occur again
for more than 64K transmissions. This will provide
more than 18 years of typical use before a code is
repeated based on 10 operations per day. Overflow
information programmed into the encoder can be used
by the decoder to extend the number of unique trans-
missions to more than 192K.
FIGURE 3-1:
BASIC FLOW DIAGRAM OF
THE DEVICE OPERATION
Note:
If multiple buttons are pressed and one
is released, it will not have any effect
on the code word. If no buttons remain
pressed the minimum code words will
be completed and the power-down will
occur.
START
Sample Buttons
Increment
Seed
Time-out
Encrypt
No
No
Yes
Get Config.
TX?
Counter
Transmit
MTX
No
Buttons
Seed
Time
Read
Seed
STOP
Yes
Yes
No
Yes
No
No
Yes
Yes
Yes
Seed
Button
No
New
Buttons
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com