Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362F Datasheet(PDF) 41 Page - Microchip Technology

Part # RFHCS362F
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362F Datasheet(HTML) 41 Page - Microchip Technology

Back Button RFHCS362F Datasheet HTML 37Page - Microchip Technology RFHCS362F Datasheet HTML 38Page - Microchip Technology RFHCS362F Datasheet HTML 39Page - Microchip Technology RFHCS362F Datasheet HTML 40Page - Microchip Technology RFHCS362F Datasheet HTML 41Page - Microchip Technology RFHCS362F Datasheet HTML 42Page - Microchip Technology RFHCS362F Datasheet HTML 43Page - Microchip Technology RFHCS362F Datasheet HTML 44Page - Microchip Technology RFHCS362F Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
© 2011 Microchip Technology Inc.
DS41189B-page 41
rfHCS362G/362F
9.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Ambient Temperature under bias..............................................................................................................-40°C to +85°C
Storage Temperature ..............................................................................................................................-40°C to +125°C
Total Power Dissipation(1) ....................................................................................................................................700 mW
Absolute Maximum Ratings Encoder
Voltage on VDD with respect to VSS ..............................................................................................................-0.3 to +6.6V
Max. Output Current sunk by any I/O pin................................................................................................................20 mA
Max. Output Current sourced by any I/O pin...........................................................................................................20 mA
Voltage on all other Encoder pins with respect to VSS ................................................................... -0.3 V to (VDD + 0.3V)
Absolute Maximum Ratings Transmitter
Voltage on VDDRF with respect to VSSRF ......................................................................................................-0.3 to +7.0V
Max. Voltage on RFENIN and DATAFSK pins with respect to VSSRF ...............................................-0.3 to (VDDRF +0.3V)
Max. Current into RFENIN and DATAFSK pins.............................................................................................-1.0 to 1.0 mA
Note 1: Power Dissipation is calculated as follows:
PDIS = VDD x {IDD -
∑IOH} + ∑{(VDD-VOH) x IOH} + ∑(VOL x IOL) + VDDRF x {IDDRF - ∑IOHRF} + ∑{(VDDRF-VOHRF) x IOHRF}
†NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above
those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com