Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362F Datasheet(PDF) 20 Page - Microchip Technology

Part # RFHCS362F
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362F Datasheet(HTML) 20 Page - Microchip Technology

Back Button RFHCS362F Datasheet HTML 16Page - Microchip Technology RFHCS362F Datasheet HTML 17Page - Microchip Technology RFHCS362F Datasheet HTML 18Page - Microchip Technology RFHCS362F Datasheet HTML 19Page - Microchip Technology RFHCS362F Datasheet HTML 20Page - Microchip Technology RFHCS362F Datasheet HTML 21Page - Microchip Technology RFHCS362F Datasheet HTML 22Page - Microchip Technology RFHCS362F Datasheet HTML 23Page - Microchip Technology RFHCS362F Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
rfHCS362G/362F
DS41189B-page 20
© 2011 Microchip Technology Inc.
4.0
EEPROM MEMORY
ORGANIZATION
The rfHCS362G/362F contains 288 bits (18 x 16-bit
words) of EEPROM memory (Table 4-1). This
EEPROM array is used to store the encryption key
information
and
synchronization
value.
Further
descriptions of the memory array is given in the follow-
ing sections.
TABLE 4-1:
EEPROM MEMORY MAP
4.1
KEY_0 - KEY_3
(64-bit Encryption Key)
The 64-bit encryption key is used to create the
encrypted message. This key is calculated and pro-
grammed during production using a key generation
algorithm. The key generation algorithm may be differ-
ent from the KEELOQ algorithm. Inputs to the key gen-
eration algorithm are typically the transmitter’s serial
number and the 64-bit manufacturer’s code. While the
key generation algorithm supplied from Microchip is the
typical method used, a user may elect to create their
own method of key generation.
4.2
SYNC (Synchronization Counter)
This is the 16-bit synchronization value that is used to
create the hopping code for transmission. This value
will be incremented after every transmission.
4.3
SEED_0, SEED_1, SEED_2,
and SEED 3 (Seed Word)
This is the four word (60 bits) seed code that will be
transmitted when seed transmission is selected. This
allows the system designer to implement the secure
learn feature or use this fixed code word as part of a dif-
ferent key generation/tracking process or purely as a
fixed code transmission.
4.4
SERIAL_0, SERIAL_1
(Encoder Serial Number)
SERIAL_0
and SERIAL_1 are the lower and upper
words of the device serial number, respectively. There
are 32 bits allocated for the serial number and a select-
able configuration bit determines whether 32 or 28 bits
will be transmitted. The serial number is meant to be
unique for every transmitter.
Word
Address
Field
Description
0
KEY1_0
64-bit Encryption Key1
(Word 0) LSB
1
KEY1_1
64-bit Encryption Key1
(Word 1)
2
KEY1_2
64-bit Encryption Key1
(Word 2)
3
KEY1_3
64-bit Encryption Key1
(Word 3) MSB
4
KEY2_0
64-bit Encryption Key2
(Word 0) LSB
5
KEY2_1
64-bit Encryption Key2
(Word 1)
6
KEY2_2
64-bit Encryption Key2
(Word 2)
7
KEY2_3
64-bit Encryption Key2
(Word 3) MSB
8
SEED_0
Seed value (Word 0)
LSB
9
SEED_1
Seed value (Word 1)
10
SEED_2
Seed value (Word 2)
11
SEED_3
Seed value (Word 3)
MSB
12
CONFIG_0
Configuration Word
(Word 0)
13
CONFIG_1
Configuration Word
(Word 1)
14
SERIAL_0
Serial Number
(Word 0) LSB
15
SERIAL_1
Serial Number
(Word 1) MSB
16
SYNC
Synchronization counter
17
RES
Reserved – Set to zero
Note:
Upper four Significant bits of SEED_3 con-
tains extra configuration information (see
Table 4-5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com