Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362F Datasheet(PDF) 29 Page - Microchip Technology

Part # RFHCS362F
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362F Datasheet(HTML) 29 Page - Microchip Technology

Back Button RFHCS362F Datasheet HTML 25Page - Microchip Technology RFHCS362F Datasheet HTML 26Page - Microchip Technology RFHCS362F Datasheet HTML 27Page - Microchip Technology RFHCS362F Datasheet HTML 28Page - Microchip Technology RFHCS362F Datasheet HTML 29Page - Microchip Technology RFHCS362F Datasheet HTML 30Page - Microchip Technology RFHCS362F Datasheet HTML 31Page - Microchip Technology RFHCS362F Datasheet HTML 32Page - Microchip Technology RFHCS362F Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
© 2011 Microchip Technology Inc.
DS41189B-page 29
rfHCS362G/362F
6.4
Clock Output (CLKOUT)
The crystal oscillator feeds a divide-by-four circuit that
provides a clock output at the CLKOUT pin. CLKOUT
is slew-rate limited in order to keep spurious signal
emissions as low as possible. The voltage swing
(VCLKOUT) depends on the capacitive loading (CLOAD)
on the CLKOUT pin (2 VPP at 5 pF).
6.5
Phase-Locked Loop (PLL)
The PLL consists of a Phase-frequency Detector
(PFD), charge pump, Voltage-controlled Oscillator
(VCO), and fixed divide-by-32 divider. An external loop
filter is connected to pin LF. The loop filter controls the
dynamic behavior of the PLL, primarily lock time and
spur levels. The application determines the loop filter
requirements.
The rfHCS362 employs a charge pump PLL that offers
many advantages over the classical voltage phase
detector PLL: infinite pull-in range and zero steady
state phase error. The charge pump PLL allows the use
of passive loop filters that are lower cost and minimize
noise. Charge pump PLLs have reduced flicker noise
thus limiting phase noise. Many of the classical texts on
PLLs do not cover this type of PLL, however, today this
is the most common type of PLL. This data sheet briefly
covers the general terms and design requirements for
the rfPIC. Detailed PLL design and operation is beyond
the scope of this data sheet. For more information, the
designer is referred to "PLL Performance, Simulation,
and Design," Second Edition by Dean Banerjee ISBN
0970820704. Banerjee covers charge pump PLLs and
loop filter selection.
The loop filter has a major impact on lock time and spur
levels. Lock time is the time it takes the PLL to lock on
frequency. When the PLL is first powered on or is
changing frequencies, no data can be transmitted.
Lock time must be considered before data transmission
can begin. In addition to PLL lock time, the designer
must take into account the crystal oscillator start time of
approximately 1 ms. See Section 6.3 for more informa-
tion about the crystal oscillator. Reference spurs occur
at the carrier frequency plus and minus integer multi-
ples of the reference frequency. Phase noise refers to
noise generated by the PLL. Spur levels and phase
noise can increase the signal to noise ratio (SNR) of
the system and mask or degrade the transmitted sig-
nal.
The first order effect on PLL performance is loop band-
width. Loop bandwidth (
ωc) is defined as the point
where the open loop phase transfer function equals 0
dB. Selecting a small loop bandwidth results in lower
spur levels but slower lock time. Selecting a larger loop
bandwidth results in a faster lock time but higher spur
levels.
Second order effects on PLL performance is Phase
margin (
φ) and Damping factor (ζ). Phase margin is a
measure of PLL stability. Choosing a phase margin that
is too low will result in PLL instability. Choosing a higher
phase margin results in less ringing and faster lock time
at the expense of higher spur levels. Loop filters are
typically designed for a total phase margin between 30
and 70 degrees. The aim of the designer is to choose
a loop bandwidth and phase margin that gives the fast-
est possible lock time and meets the spur level require-
ments of the application.
Damping factor governs the second order transient
response that determines the shape of the exponential
envelope of the natural frequency. The natural fre-
quency, also called ringing frequency, is the frequency
of the VCO steering voltage as the PLL settles. Lock
time is proportional to damping factor and inversely
proportional to loop bandwidth.
The application determines the loop filter component
requirements. For example, if the transmit frequency
selected is near band edges or restricted bands, spur
levels must be reduced to meet regulatory require-
ments. However, this will be at the expense of lock
time. For an FSK application, a larger damping factor
(
≅ 1.0) is desired so that there is less overshoot in the
keying of FSK. For an ASK application, a damping fac-
tor = 0.707 results in less settling time and near opti-
mum noise performance.
Figure 6-4 shows an example passive second order
loop filter circuit. Table 6-4 gives example loop filter val-
ues for a crystal frequency of 13.56 MHz and transmit
frequency of 433.92 MHz. Table 6-5 gives example
loop filter values for a crystal frequency of 9.84375
MHz and transmit frequency of 315 MHz.
Layout considerations - Shield each side of the clock
output trace with ground traces to isolate the CLK-
OUT signal and reduce coupling.
Layout considerations - Keep traces short and place
loop filter components as close as possible to the LF
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com