Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362F Datasheet(PDF) 23 Page - Microchip Technology

Part # RFHCS362F
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362F Datasheet(HTML) 23 Page - Microchip Technology

Back Button RFHCS362F Datasheet HTML 19Page - Microchip Technology RFHCS362F Datasheet HTML 20Page - Microchip Technology RFHCS362F Datasheet HTML 21Page - Microchip Technology RFHCS362F Datasheet HTML 22Page - Microchip Technology RFHCS362F Datasheet HTML 23Page - Microchip Technology RFHCS362F Datasheet HTML 24Page - Microchip Technology RFHCS362F Datasheet HTML 25Page - Microchip Technology RFHCS362F Datasheet HTML 26Page - Microchip Technology RFHCS362F Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
© 2011 Microchip Technology Inc.
DS41189B-page 23
rfHCS362G/362F
4.5.9
XSER
If XSER is enabled a 32-bit serial number is transmit-
ted. If XSER is disabled a 28-bit serial number and a
4-bit function code are transmitted.
4.5.10
SEED[0..1]
The seed value which is transmitted on key combina-
tions (0011) and (1001) can be disabled, enabled or
enabled for a limited number of transmissions deter-
mined by the initial counter value.
In limited Seed mode, the device will output the seed if
the sync counter (Section 4.2) is from 00hex to 7Fhex.
For a counter higher than 7F, a normal hopping code
will be output.
4.5.11
SEEDC
SEEDC
selects between seed transmission on 0001
and 0101 (SEEDC = 0) and 0011 and 1001 (SEEDC
= 1). The delay before seed transmission is 1.6 s for
(SEEDC = 0) and 3.2 s for (SEEDC = 1).
TABLE 4-5:
SEED_3
Note:
Whenever a SEED code word is output,
the 4 function bits (Figure 3-10) will be set
to all ones [1,1,1,1].
Bit
Address
Field
Description
Values
0
SEED_48
Seed Most Significant word
—
1
SEED_49
2
SEED_50
...
...
9
SEED_57
10
SEED_58
11
SEED_59
12
LED
LED output timing
0
= VBOT>VLOW
LED blink 200/800 ms
VBOT<VLOW
LED not blinking
1
= VBOT>VLOW
LED blink 25/500 ms
VBOT<VLOW
LED blink once
13
MOD
Modulation Format
0
= PWM
1
= MANCHESTER
14
RFEN
RF Enable/S3 multiplexing
0
- Enabled
(S3 only sensed 2 seconds after the last but-
ton is released)
1
- Disabled
(S3 same as other S inputs)
15
HEADER
PWM Header Length
0
= short Header, TH = 3 x TE
1
= standard Header, TH = 10 x TE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com