Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP236 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # KP236
Description  Analog Absolute Pressure Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP236 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button KP236 Datasheet HTML 4Page - Infineon Technologies AG KP236 Datasheet HTML 5Page - Infineon Technologies AG KP236 Datasheet HTML 6Page - Infineon Technologies AG KP236 Datasheet HTML 7Page - Infineon Technologies AG KP236 Datasheet HTML 8Page - Infineon Technologies AG KP236 Datasheet HTML 9Page - Infineon Technologies AG KP236 Datasheet HTML 10Page - Infineon Technologies AG KP236 Datasheet HTML 11Page - Infineon Technologies AG KP236 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Product Name
Product Type
Ordering Code
Package
Analog Absolute Pressure Sensor
KP236
SP000700780
PG-DSOF-8-16
KP236
Data Sheet
8
Revision 1.0, 2010-06-21
KP236
Analog Absolute Pressure Sensor
Product Description
1
Product Description
The KP236 is a miniaturized Analog Barometric Air Pressure Sensor IC
based on a capacitive principle. It is surface micromachined with a
monolithic integrated signal conditioning circuit implemented in BiCMOS
technology.
The sensor converts a pressure into an analog output signal. The
calibrated transfer function converts a pressure range of 40 kPa to
115 kPa into a voltage range of 0.5 V to 4.5 V.
The chip is packaged in a “green” SMD housing. The sensor has been
primarily developed for measuring barometric air pressure, but can also
be used in other application fields. The high accuracy and the high
sensitivity of the device makes it a perfect fit for advanced automotive
applications as well as in industrial and consumer applications.
1.1
Features
Following features are supported by the KP236:
High precision pressure sensing (
± 1.0 kPa)
Ratiometric analog output
Large temperature range (-40 °C to 125 °C)
Broken wire detection
“Green” 8 pin SMD housing
Automotive qualified
1.2
Target Applications
The KP236 is defined for use in following target applications:
Automotive applications (barometric air pressure measurement)
Industrial control
Consumer applications
Medical applications
Weather stations
Altimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com