Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP236 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # KP236
Description  Analog Absolute Pressure Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP236 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button KP236 Datasheet HTML 16Page - Infineon Technologies AG KP236 Datasheet HTML 17Page - Infineon Technologies AG KP236 Datasheet HTML 18Page - Infineon Technologies AG KP236 Datasheet HTML 19Page - Infineon Technologies AG KP236 Datasheet HTML 20Page - Infineon Technologies AG KP236 Datasheet HTML 21Page - Infineon Technologies AG KP236 Datasheet HTML 22Page - Infineon Technologies AG KP236 Datasheet HTML 23Page - Infineon Technologies AG KP236 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
KP236
Analog Absolute Pressure Sensor
Specification
Data Sheet
20
Revision 1.0, 2010-06-21
3.4
Characteristics
Table 8
Electrical Characteristics
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
Output voltage
range
V
OUT_R
0.10
4.85
V
See also section
“Output Voltage
versus Load” on
Page 15
3.1
Supply current
I
DD
8
10
mA
During power up a peak
supply current of max.
22 mA is possible
3.2
Output referred
noise
V
NOISE
2.5
1.8
mV
RMS
mV
RMS
Frequency > 1 kHz
1)
Frequency < 1 kHz
1) 200 measurements in sequence, bandwidth limited to 40kHz
3.3
Response time
2)
2) More details in section
“Timing Properties” on Page 16
t
R
0.65
1.0
3)
3) The maximum response time considers a maximal value of 100nF for the output blocking capacitor C
2 and a maximum
pressure pulse equivalent 4.0V output change
ms
10% to 90% of the final
output value
3.4
Stabilization time
2)
t
S
10
ms
For full accuracy
3.5
Power-up time
2)
t
UP
5
ms
90% of the final output
value
3.6
Broken wire:
Diagnosis response
time
4)
4) In the event of a broken wire (broken VDD line or broken GND line), the output changes to certain voltage levels within the
broken wire response time. The OBD ranges are determined by the application circuitry
t
OBD
1
ms
3.7
OBD transistor on
resistance
R
DSON
160
3.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com