Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP236 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # KP236
Description  Analog Absolute Pressure Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP236 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button KP236 Datasheet HTML 15Page - Infineon Technologies AG KP236 Datasheet HTML 16Page - Infineon Technologies AG KP236 Datasheet HTML 17Page - Infineon Technologies AG KP236 Datasheet HTML 18Page - Infineon Technologies AG KP236 Datasheet HTML 19Page - Infineon Technologies AG KP236 Datasheet HTML 20Page - Infineon Technologies AG KP236 Datasheet HTML 21Page - Infineon Technologies AG KP236 Datasheet HTML 22Page - Infineon Technologies AG KP236 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
KP236
Analog Absolute Pressure Sensor
Specification
Data Sheet
19
Revision 1.0, 2010-06-21
3.3
Operating Range
The following operating conditions must not be exceeded in order to ensure correct operation of the device. All
parameters specified in the following sections refer to these operating conditions, unless noted otherwise.
Table 7
Operating Range
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
Supply voltage
V
DD
4.5
5.0
5.5
V
V
OUT is ratiometric to
V
DD
2.1
Output current on
V
OUT pin
I
OUT
-1
1
mA
mA
pull-down resistor used
pull-up resistor used
2.2
Operating
temperature
T
a
-40
125
°C
2.3
Ambient operating
pressure range
p
amb
40
115
kPa
2.4
Lifetime
1)
1) The life time shall be considered as anticipation with regard to the product that shall not extend the agreed warranty period.
t
live
15
years
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com