Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP236 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # KP236
Description  Analog Absolute Pressure Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP236 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button KP236 Datasheet HTML 6Page - Infineon Technologies AG KP236 Datasheet HTML 7Page - Infineon Technologies AG KP236 Datasheet HTML 8Page - Infineon Technologies AG KP236 Datasheet HTML 9Page - Infineon Technologies AG KP236 Datasheet HTML 10Page - Infineon Technologies AG KP236 Datasheet HTML 11Page - Infineon Technologies AG KP236 Datasheet HTML 12Page - Infineon Technologies AG KP236 Datasheet HTML 13Page - Infineon Technologies AG KP236 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
KP236
Analog Absolute Pressure Sensor
Functional Description
Data Sheet
10
Revision 1.0, 2010-06-21
2.1
Pin Configuration
Figure 1 shows the pin configuration.
Figure 1
Pin configuration (top view, figure not to scale)
2.2
Pin Description
Table 1 shows the pin description.
Table 1
Pin Description
Pin No.
Name
Function
1
TEST
Test pin
1)
1) Digital pins are used only during calibration and test. It is recommended to leave these pins floating (in case of an open
GND connection, the floating pins prevent from a cross grounding through the corresponding ESD diodes).
2
CLOCK / V
PROG
External clock for communication / programming voltage
1)
3
DATA IN
Serial data input pin
1)
4
DATA OUT
Serial data output pin
1)
5
V
DD
Supply voltage
6
GND
Circuit ground potential
2)
2) It is recommended to connect both GND pins.
7
V
OUT
Analog pressure signal output
8
GND
Circuit ground potential
2)
1
2
3
4
8
7
6
5
GND
V
OUT
GND
V
DD
DATA IN
TEST
CLOCK / V
PROG
DATA OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com