Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP236 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # KP236
Description  Analog Absolute Pressure Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP236 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button KP236 Datasheet HTML 8Page - Infineon Technologies AG KP236 Datasheet HTML 9Page - Infineon Technologies AG KP236 Datasheet HTML 10Page - Infineon Technologies AG KP236 Datasheet HTML 11Page - Infineon Technologies AG KP236 Datasheet HTML 12Page - Infineon Technologies AG KP236 Datasheet HTML 13Page - Infineon Technologies AG KP236 Datasheet HTML 14Page - Infineon Technologies AG KP236 Datasheet HTML 15Page - Infineon Technologies AG KP236 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
KP236
Analog Absolute Pressure Sensor
Functional Description
Data Sheet
12
Revision 1.0, 2010-06-21
2.4
Transfer Function
The KP236 device is fully calibrated on delivery. The sensor has a linear transfer function between the applied
pressure and the output signal:
The output signal is ratiometric. Gain a and offset b are determined during calibration in order to generate the
required transfer function.
Calibrated Transfer Function
The following calibration is adjusted with the parameters a and b:
Note: The points
p
IN,1/VOUT,1 and pIN,2/VOUT,2 define the calibrated transfer function and not the operating range.
The operating pressure range is defined by the parameter 2.4 “Ambient operating pressure range” on
Page 19
Figure 3
Transfer function
Note: The application circuitry determines the current driven by the device and thus may have an impact on the
output voltage delivered by the sensor.
Table 2
Transfer function
Pressure
Output Voltage @ V
DD = VDD,Typ
Gain and Offset
Symbol
Values
Unit
Symbol
Values
Unit
Symbol
Value
Unit
p
IN,1
40
kPa
V
OUT,1
0.5
V
a
0.01067
1/kPa
p
IN,2
115
kPa
V
OUT,2
4.5
V
b
-0.32667
V
OUT = VDD x (a x P + b)
10
pressure [kPa]
0.0
1.0
3.0
2.0
4.0
5.0
30
50
70
90
110
130
150
operating pressure range
maximum input pressure range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com