Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP236 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # KP236
Description  Analog Absolute Pressure Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP236 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button KP236 Datasheet HTML 14Page - Infineon Technologies AG KP236 Datasheet HTML 15Page - Infineon Technologies AG KP236 Datasheet HTML 16Page - Infineon Technologies AG KP236 Datasheet HTML 17Page - Infineon Technologies AG KP236 Datasheet HTML 18Page - Infineon Technologies AG KP236 Datasheet HTML 19Page - Infineon Technologies AG KP236 Datasheet HTML 20Page - Infineon Technologies AG KP236 Datasheet HTML 21Page - Infineon Technologies AG KP236 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
KP236
Analog Absolute Pressure Sensor
Specification
Data Sheet
18
Revision 1.0, 2010-06-21
3.2
Absolute Maximum Ratings
Attention: Stresses above the max. values listed in Table 6 may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
Table 6
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
Supply voltage
V
DD_max
-0.3
-6.5
1)
1) Reverse polarity;
I
DD < 300 mA
6.5
16.5
V
V
V
1 h @ 70°C
Limited time: Max.
300 s
1.1
Output voltage
V
OUT
-0.3
V
DD + 0.3
V
1.2
Voltage on
CLOCK / V
PROG pin
V
CLK
20
V
1.3
Voltage on
DATA IN &
DATA_OUT pins
V
DATA
5
V
1.4
Storage
temperature
T
S
-60
150
°C
1.5
Thermal resistance
R
thJA
180
K/W
Thermal resistance
between the die and
ambient; according to
JESD51-2
1.6
Maximum input
pressure
p
amb_max
40
150
600
kPa
kPa
Limited time: Max. 300
s
1.7
ESD robustness
(HBM: 1.5 k
Ω,
100 pF)
V
ESD
2
kV
According to
EIA / JESD22-A114-E
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com