Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP236 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # KP236
Description  Analog Absolute Pressure Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP236 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button KP236 Datasheet HTML 17Page - Infineon Technologies AG KP236 Datasheet HTML 18Page - Infineon Technologies AG KP236 Datasheet HTML 19Page - Infineon Technologies AG KP236 Datasheet HTML 20Page - Infineon Technologies AG KP236 Datasheet HTML 21Page - Infineon Technologies AG KP236 Datasheet HTML 22Page - Infineon Technologies AG KP236 Datasheet HTML 23Page - Infineon Technologies AG KP236 Datasheet HTML 24Page - Infineon Technologies AG KP236 Datasheet HTML 25Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
KP236
Analog Absolute Pressure Sensor
Specification
Data Sheet
21
Revision 1.0, 2010-06-21
Table 9
Transfer Function
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
Sensitivity
S
53.3
mV
/kPa
4.1
Accuracy pressure
(overall)
1)
1) More details in section
“Overall Accuracy” on Page 13
acc
p
-1.0
-2.0
-2.0
1.0
2.0
2.0
kPa
kPa
kPa
0°C up to 85 °C
@ -40°C
@ 125°C
4.2
Ratriometric error
2)
2) More details in section
“Ratiometric Error” on Page 13
E
RAT
-25
25
mV
4.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com