Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP236XTMA1 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # KP236XTMA1
Description  Analog Absolute Pressure Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP236XTMA1 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button KP236XTMA1 Datasheet HTML 5Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 6Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 7Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 8Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 9Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 10Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 11Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 12Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
KP236
Analog Absolute Pressure Sensor
Functional Description
Data Sheet
9
Revision 1.0, 2010-06-21
2
Functional Description
The pressure is detected by an array of capacitive surface micromachined sensor cells. The sensor cell output is
amplified, temperature compensated and linearized to obtain an output voltage that is proportional to the applied
pressure.
The transfer function for linearization is computed in the digital part of the sensor using a third order polynomial
calculation. The transfer function is created from the following parameters:
•
Minimum and maximum rated pressure
•
Voltage level at minimum and maximum rated pressure
The output is analog and ratiometric with respect to the supply voltage.
All parameters needed for the complete calibration algorithm — such as offset, gain, temperature coefficients of
offset and gain, and linearization parameters — are determined after assembly. The parameters are stored in an
integrated E²PROM. The E²PROM content is protected with forward error correction (a one bit error is detected
and corrected, errors of more than one bit are detected and the output signal is switched to ground potential).
Open Bond Detection
When the chip is not powered properly, the JFET transistors of the broken wire detection stage are self-
conducting. For example, if the GND connection is interrupted, the output is drawn strongly to VDD. Similarly, if
the VDD connection is broken, the output is drawn to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com