Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP236XTMA1 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # KP236XTMA1
Description  Analog Absolute Pressure Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP236XTMA1 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button KP236XTMA1 Datasheet HTML 13Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 14Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 15Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 16Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 17Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 18Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 19Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 20Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
KP236
Analog Absolute Pressure Sensor
Specification
Data Sheet
17
Revision 1.0, 2010-06-21
3
Specification
3.1
Application Circuit Example
It is recommended to protect the pressure sensor IC against overload and electro-magnetic interferences (as
shown in
Figure 10).
The output circuit acts as a low-pass decoupling filter between the sensor IC output and the A/D input of the
microcontroller.
The shown application circuit example considers an increased cable length between the sensor and the
microcontroller. A combined location on a PCB with reduced distance between the sensor and the controller allows
a reduction of the numbers of the passive components (e.g.
C
2, R1 and R2 can be omitted).
Figure 10
Application circuit example
Note: It is recommended to leave the digital pins CLOCK/V
PROG, DATA IN and DATA OUT floating (in case of an
open GND connection, the floating pins prevent from a cross grounding through the corresponding ESD
diodes).
Table 5
Component Values
Component
Symbol
Values
Unit
Min.
Typ.
Max.
Pull-Up Resistor
R
1
5
59
100
k
Ω
Pull-Down Resistor
R
2
5
59
100
k
Ω
Low Pass Resistor
R
3
3.9
22
100
k
Ω
Supply Blocking Capacitor
C
1
10
100
100
nF
Output Blocking Capacitor
C
2
0
100
100
nF
Low Pass Capacitor
C
3
10
100
100
nF
Microcontroller
ADC
Ref
A/D in
GND
5V
C
1
C
2
R
1
R
2
R
3
C
3
*)
*)
*) R1 and R2 only alternatively
KP
2xx
4 DATA OUT
3 DATA IN
2
CLOCK /
VPROG
1 Test
VDD
5
GND
6
VOUT
7
GND
8
n.c.
n.c.
n.c.
n.c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com