Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP236XTMA1 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # KP236XTMA1
Description  Analog Absolute Pressure Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP236XTMA1 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button KP236XTMA1 Datasheet HTML 10Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 11Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 12Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 13Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 14Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 15Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 16Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 17Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
KP236
Analog Absolute Pressure Sensor
Functional Description
Data Sheet
14
Revision 1.0, 2010-06-21
Note: Ratiometric signal error is not included in the overall accuracy. For error measurements, the supply voltage
must have the nominal value (
V
DD = VDD,Typ).
The error band is determined by three continuous lines through four relevant breakpoints.
Figure 5
Accuracy for pressure acquisition
Table 4
Accuracy
Temperature [°C]
Error [kPa]
Error Multiplier
-40
±2.0
2.0
0
±1.0
1.0
85
±1.0
1.0
125
±2.0
2.0
-40
0
85
125
temperature [°C]
0.0
0.5
1.5
1.0
2.0
2.5
1.0
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com