Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP236XTMA1 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # KP236XTMA1
Description  Analog Absolute Pressure Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP236XTMA1 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button KP236XTMA1 Datasheet HTML 7Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 8Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 9Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 10Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 11Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 12Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 13Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 14Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
KP236
Analog Absolute Pressure Sensor
Functional Description
Data Sheet
11
Revision 1.0, 2010-06-21
2.3
Block Diagram
Figure 2 shows the functional block diagram.
Figure 2
Functional block diagram
A
D
1 bit
D
A
12 bit
1 kHz
Linearization
OBD
VDD
Clock
Generator
Temperature
Compensation
Internal
Reference
Voltage
EEPROM
( 90+22 bit )
Digital
Control
Test and Programming
Interface
VDD
CLOCK /
VPROG
DATA
IN
GND
DATA
OUT
VOUT
30kHz
10 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com