Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP236XTMA1 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # KP236XTMA1
Description  Analog Absolute Pressure Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP236XTMA1 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button KP236XTMA1 Datasheet HTML 11Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 12Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 13Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 14Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 15Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 16Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 17Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 18Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
KP236
Analog Absolute Pressure Sensor
Functional Description
Data Sheet
15
Revision 1.0, 2010-06-21
2.6
Output Voltage versus Load
The output voltage limits depend on:
•
The value of the external load resistor.
•
The type of connection (pull-up or pull-down).
Figure 6
Maximum output voltage limit with pull-down load
Figure 7
Minimum output voltage limit with pull-up load
Note: The values in the diagrams are valid for the entire specified temperature range.
The two diagrams above do not take into account clamping levels. In case clamping levels are implemented,
the output voltage is clamped accordingly.
4.50
4.60
4.70
4.80
4.90
0.0
0.2
0.4
0.6
0.8
1.0
source current [mA]
pull-down resistance [k
Ω]
20
10
5
50
0.1
4.85
5.00
0
0.10
0.20
0.30
0.40
0.50
0.0
0.2
0.4
0.6
0.8
1.0
20
10
5
50
0.1
source current [mA]
pull-up resistance [k
Ω]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com