Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP236XTMA1 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # KP236XTMA1
Description  Analog Absolute Pressure Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP236XTMA1 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button KP236XTMA1 Datasheet HTML 12Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 13Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 14Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 15Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 16Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 17Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 18Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 19Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
KP236
Analog Absolute Pressure Sensor
Functional Description
Data Sheet
16
Revision 1.0, 2010-06-21
2.7
Timing Properties
Power-up Time
The power-up time
t
UP is defined as the maximum time between the supply voltage reaching its operating range
and the output voltage reaching 90% of its final value (assuming pin V
OUT open and constant input pressure).
Figure 8
Power-up time
Response Time and Stabilization Time
The response time
t
R is defined as the time required by the output to change from 10% to 90% of its final value
after a specified pressure step (assuming pin V
OUT open).
The stabilization time
t
S is defined as the time required by the output to meet the specified accuracy after the
pressure has been stabilized (assuming pin V
OUT open).
Figure 9
Response and stabilization time
Note: The values in the diagrams are valid for the entire specified temperature range.
0
1
2
3
4
5
0
2.5
5
7.5
10
12.5
15
time [ms]
VOUT
90% of Final Value
VDD
tUP
constant input pressure
0
1
2
3
4
5
0
2
time [ms]
0
20
40
60
80
100
120
VOUT
90% of final value
input pressure
tR
10% of final value
tS
within required accuracy
1
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com