Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP236XTMA1 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # KP236XTMA1
Description  Analog Absolute Pressure Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP236XTMA1 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button KP236XTMA1 Datasheet HTML 9Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 10Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 11Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 12Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 13Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 14Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 15Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 16Page - Infineon Technologies AG KP236XTMA1 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
KP236
Analog Absolute Pressure Sensor
Functional Description
Data Sheet
13
Revision 1.0, 2010-06-21
2.5
Accuracy
The accuracy of the KP236 sensor is influenced by the supply voltage (ratiometric error) as well as by pressure,
temperature and aging effects. The specified value, calculated with the transfer function, represents the theoretical
value (see
Figure 3). The error equals the deviation between the measured output voltage value and the specified
output voltage value.
2.5.1
Ratiometric Error
Ideally the sensor is ratiometric - the output (V
OUT) scales by the same ratio that VDD increases or decreases. The
ratiometric error is defined as the difference between the ratio that
V
DD changed and the ratio that VOUT changed,
expressed as a percentage.
The output voltage
V
OUT is ratiometric to VDD. VDD must be in the operating range provided in Table 7.
Figure 4
Ratiometric error
2.5.2
Overall Accuracy
Overall accuracy covers the entire pressure and temperature range from different sources of error including the
following:
Pressure:
Output deviation from target transfer function over the specified pressure range
Temperature:
Output deviation over the temperature range
Aging:
Parameter drift over life time
Table 3
Ratiometric Error
Supply voltage (V)
Max. ratiometric error (
E
RAT in % of VDD, Typ)
V
DD,Min
± 0.5
V
DD,Typ
0
V
DD,Max
± 0.5
E
RAT (%) =
V
OUT(@VDD) - V OUT(@5V) x
5V
V
DD
5V
x 100%
-0.5
0
VDD,MIN
VDD
0.5
VDD,MAX
VDD,TYP
ERAT (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com