Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE42754D Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE42754D
Description  Low Dropout Linear Fixed Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42754D Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE42754D Datasheet HTML 5Page - Infineon Technologies AG TLE42754D Datasheet HTML 6Page - Infineon Technologies AG TLE42754D Datasheet HTML 7Page - Infineon Technologies AG TLE42754D Datasheet HTML 8Page - Infineon Technologies AG TLE42754D Datasheet HTML 9Page - Infineon Technologies AG TLE42754D Datasheet HTML 10Page - Infineon Technologies AG TLE42754D Datasheet HTML 11Page - Infineon Technologies AG TLE42754D Datasheet HTML 12Page - Infineon Technologies AG TLE42754D Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Data Sheet
9
Rev. 1.1, 2008-09-24
TLE42754
General Product Characteristics
4.3
Thermal Resistance
Pos.
Parameter
Symbol
Limit Value
Unit
Conditions
Min.
Typ.
Max.
TLE42754D (PG-TO252-5)
4.3.4
Junction to Case1)
1) not subject to production test, specified by design
R
thJC
–3.7
–K/W
–
4.3.5
Junction to Ambient1)
R
thJA
–27
–
K/W
2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm³ board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
4.3.6
–
110
–
K/W
footprint only3)
3) Specified
R
thJA value is according to JEDEC JESD 51-3 at natural convection on FR4 1s0p board; The Product
(Chip+Package) was simulated on a 76.2
× 114.3 × 1.5 mm3 board with 1 copper layer (1 x 70µm Cu).
4.3.7
–
57
–
K/W
300 mm2 heatsink area
on PCB3)
4.3.8
–
42
–
K/W
600 mm2 heatsink area
on PCB3)
TLE42754G (PG-TO263-5)
4.3.9
Junction to Case1)
R
thJC
–3.7
–K/W
–
4.3.10
Junction to Ambient1)
R
thJA
–22
–
K/W
2)
4.3.11
–
70
–
K/W
footprint only3)
4.3.12
–
42
–
K/W
300 mm2 heatsink area
on PCB3)
4.3.13
–
33
–
K/W
600 mm2 heatsink area
on PCB3)
TLE42754E (PG-SSOP-14 exposed pad)
4.3.14
Junction to Case1)
R
thJC
–7–K/W
–
4.3.15
Junction to Ambient1)
R
thJA
–43
–
K/W
2)
4.3.16
–
120
–
K/W
footprint only3)
4.3.17
–
59
–
K/W
300 mm2 heatsink area
on PCB3)
4.3.18
–
49
–
K/W
600 mm2 heatsink area
on PCB3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com