Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE42754D Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE42754D
Description  Low Dropout Linear Fixed Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42754D Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE42754D Datasheet HTML 1Page - Infineon Technologies AG TLE42754D Datasheet HTML 2Page - Infineon Technologies AG TLE42754D Datasheet HTML 3Page - Infineon Technologies AG TLE42754D Datasheet HTML 4Page - Infineon Technologies AG TLE42754D Datasheet HTML 5Page - Infineon Technologies AG TLE42754D Datasheet HTML 6Page - Infineon Technologies AG TLE42754D Datasheet HTML 7Page - Infineon Technologies AG TLE42754D Datasheet HTML 8Page - Infineon Technologies AG TLE42754D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
PG-TO252-5
PG-TO263-5
PG-SSOP-14 exposed pad
Type
Package
Marking
TLE42754D
PG-TO252-5
42754D
TLE42754G
PG-TO263-5
42754G
TLE42754E
PG-SSOP-14 exposed pad
42754E
Data Sheet
2
Rev. 1.1, 2008-09-24
TLE42754
Low Dropout Linear Fixed Voltage Regulator
1Overview
Features
•
Output Voltage 5 V
± 2%
•
Ouput Current up to 450 mA
•
Very low Current Consumption
•
Power-on and Undervoltage Reset with Programmable Delay Time
•
Reset Low Down to VQ = 1 V
•
Very Low Dropout Voltage
•
Output Current Limitation
•
Reverse Polarity Protection
•
Overtemperature Protection
•
Suitable for Use in Automotive Electronics
•
Wide Temperature Range from -40 °C up to 150 °C
•
Input Voltage Range from -42 V to 45 V
•
Green Product (RoHS compliant)
•
AEC Qualified
Description
The TLE42754 is a monolithic integrated low-dropout voltage
regulator in a 5-pin TO-package, especially designed for automotive
applications. An input voltage up to 42 V is regulated to an output
voltage of 5.0 V. The component is able to drive loads up to
450 mA. It is short-circuit proof by the implemented current limitation
and has an integrated overtemperature shutdown. A reset signal is
generated for an output voltage VQ,rt of typically 4.65 V. The power-on
reset delay time can be programmed by the external delay capacitor.
Dimensioning Information on External Components
An input capacitor CI is recommended for compensation of line
influences. An output capacitor CQ is necessary for the stability of the
control loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com