Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE42754D Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE42754D
Description  Low Dropout Linear Fixed Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42754D Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE42754D Datasheet HTML 15Page - Infineon Technologies AG TLE42754D Datasheet HTML 16Page - Infineon Technologies AG TLE42754D Datasheet HTML 17Page - Infineon Technologies AG TLE42754D Datasheet HTML 18Page - Infineon Technologies AG TLE42754D Datasheet HTML 19Page - Infineon Technologies AG TLE42754D Datasheet HTML 20Page - Infineon Technologies AG TLE42754D Datasheet HTML 21Page - Infineon Technologies AG TLE42754D Datasheet HTML 22Page - Infineon Technologies AG TLE42754D Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Data Sheet
19
Rev. 1.1, 2008-09-24
TLE42754
Block Description and Electrical Characteristics
Electrical Characteristics Reset Function
V
I = 13.5 V, -40 °C ≤ Tj ≤ 150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Output Undervoltage Reset
5.3.1
Output Undervoltage Reset
Switching Thresholds
V
RT
4.5
4.65
4.8
V
V
Q decreasing
Reset Output RO
5.3.2
Reset Output Low Voltage
V
RO,low
–0.2
0.4
V
1 V
≤ VQ ≤ VRT ;
I
RO = 0.2 mA
5.3.3
Reset Output
Sink Current Capability
I
RO,max
0.2
–
–
mA
1 V
≤ VQ ≤ VRT ;
V
RO = 5 V
5.3.4
Reset Output
Leakage Current
I
RO,leak
–0
10
µA
V
RO = 5 V
5.3.5
Reset Output External
Pull-up Resistor to
V
Q
R
RO
5–
–k
Ω
1V
≤ VQ ≤ VRT ;
V
RO ≤ 0.4 V
Reset Delay Timing
5.3.6
Power On Reset Delay Time
t
rd
10
16
22
ms
C
D = 47 nF
5.3.7
Upper Delay
Switching Threshold
V
DU
–1.8
–V
–
5.3.8
Lower Delay
Switching Threshold
V
DRL
–0.65
–
V
–
5.3.9
Delay Capacitor
Charge Current
I
D,ch
–5.5
–µA
V
D = 1 V
5.3.10
Delay Capacitor
Reset Discharge Current
I
D,dch
–
100
–
mA
V
D = 1 V
5.3.11
Delay Capacitor
Discharge Time
t
rr,d
–
0.5
1
µs
Calculated Value:
t
rr,d = CD*(VDU -
V
DRL)/ ID,dch
C
D = 47 nF
TLE42754D
TLE42754G
5.3.12
Internal Reset Reaction Time
t
rr,int
–4
7µs
C
D = 0 nF
1)
TLE42754D
TLE42754G
1) parameter not subject to production test; specified by design
5.3.13
Reset Reaction Time
t
rr,total
–
4.5
8
µs
Calculated Value:
t
rr,total = trr,int + trr,d
C
D = 47 nF
TLE42754D
TLE42754G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com