Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE42754D Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE42754D
Description  Low Dropout Linear Fixed Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42754D Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE42754D Datasheet HTML 16Page - Infineon Technologies AG TLE42754D Datasheet HTML 17Page - Infineon Technologies AG TLE42754D Datasheet HTML 18Page - Infineon Technologies AG TLE42754D Datasheet HTML 19Page - Infineon Technologies AG TLE42754D Datasheet HTML 20Page - Infineon Technologies AG TLE42754D Datasheet HTML 21Page - Infineon Technologies AG TLE42754D Datasheet HTML 22Page - Infineon Technologies AG TLE42754D Datasheet HTML 23Page - Infineon Technologies AG TLE42754D Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
TLE42754
Block Description and Electrical Characteristics
Data Sheet
20
Rev. 1.1, 2008-09-24
Typical Performance Characteristics
Undervoltage Reset Switching Threshold
V
RT versus Tj
Power On Reset Delay Time
t
rd versus
Junction Temperature
T
j
Power On Reset DelayTime
t
rd versus
Capacitance
C
D
Internal Reset Reaction Time
t
rr,int versus Junction
Temperature
T
j
11_VRT_TJ.VSD
4,4
4,5
4,6
4,7
4,8
4,9
5
-40
0
40
80
120
160
T j [°C]
12_TRD_TJ.VSD
0
2
4
6
8
10
12
14
16
18
20
-40
0
40
80
120
160
T j [°C]
CD = 47 nF
13_TRD_CD.VSD
0
10
20
30
40
50
60
70
80
90
0
50
100
150
200
250
C D [nF]
T j = -40 °C
T j = 25 °C
T j = 150 °C
14_TRRINT_TJ.VSD
0
0,5
1
1,5
2
2,5
3
3,5
-40
0
40
80
120
160
T j [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com