Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE42754D Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE42754D
Description  Low Dropout Linear Fixed Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42754D Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE42754D Datasheet HTML 9Page - Infineon Technologies AG TLE42754D Datasheet HTML 10Page - Infineon Technologies AG TLE42754D Datasheet HTML 11Page - Infineon Technologies AG TLE42754D Datasheet HTML 12Page - Infineon Technologies AG TLE42754D Datasheet HTML 13Page - Infineon Technologies AG TLE42754D Datasheet HTML 14Page - Infineon Technologies AG TLE42754D Datasheet HTML 15Page - Infineon Technologies AG TLE42754D Datasheet HTML 16Page - Infineon Technologies AG TLE42754D Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Data Sheet
13
Rev. 1.1, 2008-09-24
TLE42754
Block Description and Electrical Characteristics
Load Regulation
∆VQ,load versus
Output Current Change
∆IQ
Output Capacitor Series Resistor
ESR(C
Q) versus
Output Current
I
Q
Dropout Voltage
V
dr versus
Junction Temperature
T
j
05_DVQ_DIQ.VSD
-25
-20
-15
-10
-5
0
0
100
200
300
400
500
I Q [mA]
VI = 8 V
Tj = -40 °C
Tj = 25 °C
Tj = 150 °C
06_ESR_IQ.VSD
0,01
0,1
1
10
100
1000
0
100
200
300
400
500
I Q [mA]
CQ = 22 µF
Tj = -40..150 °C
V I = 6..28 V
Stable
Region
Unstable
Region
07_VDR_TJ.VSD
0
50
100
150
200
250
300
350
400
450
500
-40
0
40
80
120
160
T j [°C]
I Q = 400 mA
I Q = 300 mA
I Q = 100 mA
I Q = 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com