Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE42754D Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE42754D
Description  Low Dropout Linear Fixed Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42754D Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE42754D Datasheet HTML 8Page - Infineon Technologies AG TLE42754D Datasheet HTML 9Page - Infineon Technologies AG TLE42754D Datasheet HTML 10Page - Infineon Technologies AG TLE42754D Datasheet HTML 11Page - Infineon Technologies AG TLE42754D Datasheet HTML 12Page - Infineon Technologies AG TLE42754D Datasheet HTML 13Page - Infineon Technologies AG TLE42754D Datasheet HTML 14Page - Infineon Technologies AG TLE42754D Datasheet HTML 15Page - Infineon Technologies AG TLE42754D Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
TLE42754
Block Description and Electrical Characteristics
Data Sheet
12
Rev. 1.1, 2008-09-24
Typical Performance Characteristics Voltage Regulator
Output Voltage
V
Q versus
Junction Temperature
T
j
Output Current
I
Q versus
Input Voltage
V
I
Power Supply Ripple Rejection
PSRR versus
ripple frequency
f
r)
Line Regulation
∆VQ,line versus
Input Voltage Change
∆VI)
01_VQ_TJ.VSD
4,60
4,70
4,80
4,90
5,00
5,10
5,20
-40
0
40
80
120
160
T j [°C]
V I = 13.5 V
I Q = 50 mA
02_IQ_VI.VSD
0
100
200
300
400
500
600
700
800
900
1000
0
1020
30
4050
V I [V]
T
j = -40 °C
T
j = 150 °C
T
j = 25 °C
03_PSRR_FR.VSD
0
10
20
30
40
50
60
70
80
90
100
0,01
0,1
1
10
100
1000
f [kHz]
Tj = 150 °C
Tj = 25 °C
Tj = -40 °C
I Q = 10 mA
C Q = 22 µF
ceramic
V I = 13.5 V
V ripple = 0.5 Vpp
04_DVQ_DVI.VSD
0
1
2
3
4
5
6
7
8
9
0
10203040
V I [V]
Tj = 150 °C
Tj = 25 °C
Tj = -40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com