Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE42754D Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE42754D
Description  Low Dropout Linear Fixed Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42754D Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE42754D Datasheet HTML 7Page - Infineon Technologies AG TLE42754D Datasheet HTML 8Page - Infineon Technologies AG TLE42754D Datasheet HTML 9Page - Infineon Technologies AG TLE42754D Datasheet HTML 10Page - Infineon Technologies AG TLE42754D Datasheet HTML 11Page - Infineon Technologies AG TLE42754D Datasheet HTML 12Page - Infineon Technologies AG TLE42754D Datasheet HTML 13Page - Infineon Technologies AG TLE42754D Datasheet HTML 14Page - Infineon Technologies AG TLE42754D Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data Sheet
11
Rev. 1.1, 2008-09-24
TLE42754
Block Description and Electrical Characteristics
Electrical Characteristics Voltage Regulator
V
I = 13.5 V, -40 °C ≤ Tj ≤ 150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.1.1
Output Voltage
V
Q
4.9
5.0
5.1
V
1 mA <
I
Q < 450 mA
9V <
V
I < 28 V
5.1.2
Output Voltage
V
Q
4.9
5.0
5.1
V
1 mA <
I
Q < 400 mA
6V <
V
I < 28 V
5.1.3
Output Voltage
V
Q
4.9
5.0
5.1
V
1 mA <
I
Q < 200 mA
6V <
V
I < 40 V
5.1.4
Output Current Limitation
I
Q,max
450
–
1100
mA
V
Q = 4.8V
5.1.5
Load Regulation
steady-state
∆VQ,load
-30
-15
–
mV
I
Q = 5 mA to
400 mA
V
I = 8 V
5.1.6
Line Regulation
steady-state
∆VQ,line
–5
15
mV
V
I = 8 V to 32 V
I
Q = 5 mA
5.1.7
Dropout Voltage1)
Vdr = VI - VQ
1) measured when the output voltage
V
Q has dropped 100mV from the nominal value obtained at VI = 13.5V
V
dr
–
250
500
mV
I
Q = 300 mA
5.1.8
Power Supply Ripple Rejection2)
2) not subject to production test, specified by design
PSRR
–60
–
dB
f
ripple = 100 Hz
V
ripple = 0.5 Vpp
5.1.9
Temperature Output Voltage Drift
d
V
Q/dT
–0.5
–mV/K
–
5.1.10
Overtemperature Shutdown
Threshold
T
j,sd
151–
200°C
T
j increasing
2)
5.1.11
Overtemperature Shutdown
Threshold Hysteresis
T
j,sdh
–20
–
°C
T
j decreasing
2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com