Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563SDGST Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563SDGST
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDGST Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC8563SDGST Datasheet HTML 19Page - Texas Instruments DAC8563SDGST Datasheet HTML 20Page - Texas Instruments DAC8563SDGST Datasheet HTML 21Page - Texas Instruments DAC8563SDGST Datasheet HTML 22Page - Texas Instruments DAC8563SDGST Datasheet HTML 23Page - Texas Instruments DAC8563SDGST Datasheet HTML 24Page - Texas Instruments DAC8563SDGST Datasheet HTML 25Page - Texas Instruments DAC8563SDGST Datasheet HTML 26Page - Texas Instruments DAC8563SDGST Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
−1
0
1
2
3
4
−20
−15
−10
−5
0
5
10
15
20
ILOAD (mA)
Full scale
Mid scale
Zero scale
Typical channel shown
Time (5 s/div)
Trigger (5 V/div)
LDAC
Large Signal V
(1 V/div)
OUT
Small Signal Settling (0.61 mV/div = 0.024% FSR)
From Code:
To Code:
0h
FFFFh
Time (5 s/div)
Trigger (5 V/div)
LDAC
Large Signal V
(1 V/div)
OUT
Small Signal Settling (0.61 mV/div = 0.024% FSR)
From Code: FFFF
To Code: 0
h
h
Time (5 s/div)
Trigger (5 V/div)
LDAC
Large Signal V
(1 V/div)
OUT
Small Signal Settling (0.61 mV/div = 0.024% FSR)
From Code:
To Code:
4000h
C000h
Time (5 s/div)
Trigger (5 V/div)
LDAC
Large Signal V
(1 V/div)
OUT
Small Signal Settling (0.61 mV/div = 0.024% FSR)
From Code: C000h
To Code: 4000h
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
www.ti.com
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS: DAC at AVDD = 2.7 V (continued)
At TA = 25°C, 2.5-V external reference used, gain = 1 and DAC output not loaded, unless otherwise noted.
POWER-DOWN CURRENT
DAC OUTPUT VOLTAGE
vs TEMPERATURE
vs LOAD CURRENT
Figure 73.
Figure 74.
FULL-SCALE SETTLING TIME:
FULL-SCALE SETTLING TIME:
RISING EDGE
FALLING EDGE
Figure 75.
Figure 76.
HALF-SCALE SETTLING TIME:
HALF-SCALE SETTLING TIME:
RISING EDGE
FALLING EDGE
Figure 77.
Figure 78.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com