Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563SDGST Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563SDGST
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDGST Datasheet(HTML) 38 Page - Texas Instruments

Back Button DAC8563SDGST Datasheet HTML 34Page - Texas Instruments DAC8563SDGST Datasheet HTML 35Page - Texas Instruments DAC8563SDGST Datasheet HTML 36Page - Texas Instruments DAC8563SDGST Datasheet HTML 37Page - Texas Instruments DAC8563SDGST Datasheet HTML 38Page - Texas Instruments DAC8563SDGST Datasheet HTML 39Page - Texas Instruments DAC8563SDGST Datasheet HTML 40Page - Texas Instruments DAC8563SDGST Datasheet HTML 41Page - Texas Instruments DAC8563SDGST Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
Output Pin
Meter
Load
Force Line
Sense Line
Contact and
Trace Resistance
I
L
V
OUT
REF_PRE
REF_POST
6
HYST
REF_NOM
V
V
V
=
10 (ppm/°C)
V
é
ù
-
´
ê
ú
ê
ú
ë
û
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
www.ti.com
Load Regulation
Load regulation is defined as the change in reference output voltage as a result of changes in load current. The
load regulation of the internal reference is measured using force and sense contacts as shown in Figure 94. The
force and sense lines reduce the impact of contact and trace resistance, resulting in accurate measurement of
the load regulation contributed solely by the internal reference. Measurement results are shown in Figure 4.
Force and sense lines should be used for applications that require improved load regulation.
Figure 94. Accurate Load Regulation of the DAC756x/DAC816x/DAC856x Internal Reference
Long-Term Stability
Long-term stability/aging refers to the change of the output voltage of a reference over a period of months or
years. This effect lessens as time progresses. The typical drift value for the internal reference is listed in the
Electrical Charateristics and measurement results are shown in Figure 5. This parameter is characterized by
powering up multiple devices and measuring them at regular intervals.
Thermal Hysteresis
Thermal hysteresis for a reference is defined as the change in output voltage after operating the device at 25
°C,
cycling the device through the operating temperature range, and returning to 25
°C. Hysteresis is expressed by
Equation 4:
(4)
Where:
VHYST = thermal hysteresis.
VREF_PRE = output voltage measured at 25°C pre-temperature cycling.
VREF_POST = output voltage measured after the device cycles through the temperature range of –40°C to
aaa 125
°C, and returns to 25°C.
VREF_NOM = 2.5 V, target value for reference output voltage.
DAC NOISE PERFORMANCE
Output noise spectral density at the VOUT-n pin versus frequency is depicted in Figure 45 and Figure 46 for
full-scale, mid-scale, and zero-scale input codes. The typical noise density for mid-scale code is 90 nV/
√Hz at
1 kHz. High-frequency noise can be improved by filtering the reference noise. Integrated output noise between
0.1 Hz and 10 Hz is close to 2.5
µVPP (mid-scale), as shown in Figure 47.
38
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com