Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563SDGST Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563SDGST
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDGST Datasheet(HTML) 27 Page - Texas Instruments

Back Button DAC8563SDGST Datasheet HTML 23Page - Texas Instruments DAC8563SDGST Datasheet HTML 24Page - Texas Instruments DAC8563SDGST Datasheet HTML 25Page - Texas Instruments DAC8563SDGST Datasheet HTML 26Page - Texas Instruments DAC8563SDGST Datasheet HTML 27Page - Texas Instruments DAC8563SDGST Datasheet HTML 28Page - Texas Instruments DAC8563SDGST Datasheet HTML 29Page - Texas Instruments DAC8563SDGST Datasheet HTML 30Page - Texas Instruments DAC8563SDGST Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
V
REFIN
REFOUT
/V
R
R
R
R
V
REF
2
R
DIVIDER
ToOutput Amplifier
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
www.ti.com
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
Resistor String
The resistor string section is shown in Figure 89. It is simply a string of resistors, each of value R. The code
loaded into the DAC register determines at which node on the string the voltage is tapped off to be fed into the
output amplifier by closing one of the switches connecting the string to the amplifier. The resistor string
architecture guarantees monotonicity. The RDIVIDER switch is controlled by the gain registers (see the GAIN
REGISTERS section). Because the output amplifier has a gain of two, RDIVIDER is not shorted when the DAC-n
gain is set to one (default if internal reference is disabled), and is shorted when the DAC-n gain is set to two
(default if internal reference is enabled).
Figure 89. Resistor String
Output Amplifier
The output buffer amplifier is capable of generating rail-to-rail voltages on its output, giving a maximum output
range of 0 V to AVDD. It is capable of driving a load of 2 kΩ in parallel with 3 nF to GND. The typical slew rate is
0.75 V/
µs, with a typical full-scale settling time of 14 µs as shown in Figure 31, Figure 32, Figure 75 and
Figure 76.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com