Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563SDGST Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563SDGST
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDGST Datasheet(HTML) 5 Page - Texas Instruments

  DAC8563SDGST Datasheet HTML 1Page - Texas Instruments DAC8563SDGST Datasheet HTML 2Page - Texas Instruments DAC8563SDGST Datasheet HTML 3Page - Texas Instruments DAC8563SDGST Datasheet HTML 4Page - Texas Instruments DAC8563SDGST Datasheet HTML 5Page - Texas Instruments DAC8563SDGST Datasheet HTML 6Page - Texas Instruments DAC8563SDGST Datasheet HTML 7Page - Texas Instruments DAC8563SDGST Datasheet HTML 8Page - Texas Instruments DAC8563SDGST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
www.ti.com
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
ELECTRICAL CHARACTERISTICS (continued)
At AVDD = 2.7 V to 5.5 V and TA = –40°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
External VREF = 2.5 V (when internal reference is
External reference current
15
µA
disabled), all channels active using gain = 1
VREFIN reference input range
0
AVDD
V
Internal reference disabled, gain = 1
170
Reference input impedance
k
Ω
Internal reference disabled, gain = 2
85
REFERENCE OUTPUT
Output voltage
TA = 25°C
2.495
2.5
2.505
V
Initial accuracy
TA = 25°C
–5
±0.1
5
mV
Output voltage temperature drift(4)
4
10
ppm/
°C
Output voltage noise
f = 0.1 Hz to 10 Hz
12
µVPP
TA = 25°C, f = 1 kHz, CL = 0 µF
250
Output voltage noise density
TA = 25°C, f = 1 MHz, CL = 0 µF
30
nV/
√Hz
(high-frequency noise)
TA = 25°C, f = 1 MHz, CL = 4.7 µF
10
Load regulation, sourcing(5)
TA = 25°C
20
µV/mA
Load regulation, sinking(5)
TA = 25°C
185
µV/mA
Output current load capability(6)
±20
mA
Line regulation
TA = 25°C
50
µV/V
Long-term stability/drift (aging)(5)
TA = 25°C, time = 0 to 1900 hours
100
ppm
First cycle
200
Thermal hysteresis(5)
ppm
Additional cycles
50
POWER REQUIREMENTS(7)
Power supply voltage
2.7
5.5
V
Normal mode, internal reference off
0.25
0.5
mA
Normal mode, internal reference on
0.8
1.3
AVDD = 3.6 V to 5.5 V
Power-down modes(8)
0.01
1
µA
Power-down modes(9)
0.01
3
IDD
Normal mode, internal reference off
0.2
0.4
mA
Normal mode, internal reference on
0.73
1.3
AVDD = 2.7 V to 3.6 V
Power-down modes(8)
0.008
1
µA
Power-down modes(9)
0.008
3
Normal mode, internal reference off
0.9
2.75
mW
Normal mode, internal reference on
2.9
7.15
AVDD = 3.6 V to 5.5 V
Power-down modes(8)
0.04
5.5
µW
Power-down modes(9)
0.04
16.5
Power
dissipation
Normal mode, internal reference off
0.54
1.44
mW
Normal mode, internal reference on
1.97
4.68
AVDD = 2.7 V to 3.6 V
Power-down modes(8)
0.02
3.6
µW
Power-down modes(9)
0.02
10.8
TEMPERATURE RANGE
Specified performance
–40
125
°C
(4)
Internal reference output voltage temperature drift is characterized from
–40°C to 125°C.
(5)
Explained in more detail in the Application Information section of this data sheet.
(6)
Specified by design or characterization
(7)
Input code = mid-scale, no load, VINH = AVDD, and VINL = GND
(8)
Temperature range
–40°C to 105°C
(9)
Temperature range
–40°C to 125°C
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com