Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563SDGST Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563SDGST
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDGST Datasheet(HTML) 36 Page - Texas Instruments

Back Button DAC8563SDGST Datasheet HTML 32Page - Texas Instruments DAC8563SDGST Datasheet HTML 33Page - Texas Instruments DAC8563SDGST Datasheet HTML 34Page - Texas Instruments DAC8563SDGST Datasheet HTML 35Page - Texas Instruments DAC8563SDGST Datasheet HTML 36Page - Texas Instruments DAC8563SDGST Datasheet HTML 37Page - Texas Instruments DAC8563SDGST Datasheet HTML 38Page - Texas Instruments DAC8563SDGST Datasheet HTML 39Page - Texas Instruments DAC8563SDGST Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
www.ti.com
Alternatively, all DAC outputs can be updated simultaneously using the built-in software function of LDAC. The
LDAC register offers additional flexibility and control by allowing the selection of which DAC channel(s) should be
updated simultaneously when the LDAC pin is being brought low. The LDAC register is loaded with a 2-bit word
(DB1 and DB0) using command bits C2, C1, and C0 (see Table 13 or Table 21). The default value for each bit,
and therefore for each DAC channel, is zero. If the LDAC register bit is set to 1, it overrides the LDAC pin (the
LDAC pin is internally tied low for that particular DAC channel) and this DAC channel updates synchronously
after the falling edge of the 24th SCLK cycle. However, if the LDAC register bit is set to 0, the DAC channel is
controlled by the LDAC pin.
The combination of software and hardware simultaneous update functions is particularly useful in applications
when updating a DAC channel, while keeping the other channel unaffected; see Table 13 or Table 21 and
Table 22 for more information.
Table 21. LDAC Register Command Structure
Command
Address
Data
X
X
1
1
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
DAC-B
DAC-A
DB23
DB0
Table 22. DAC-n Selection for LDAC Register Command
DB1/DB0
Value
LDAC Pin Functionality
DB0
0
DAC-A uses LDAC pin
1
DAC-A operates in synchronous mode
DB1
0
DAC-B uses LDAC pin
1
DAC-B operates in synchronous mode
INTERNAL REFERENCE ENABLE REGISTER
The internal reference in the DAC756x, DAC816x, and DAC856x is disabled by default for debugging, evaluation
purposes, or when using an external reference. The internal reference can be powered up and powered down
using a serial command that requires a 24-bit write sequence, as shown in Table 23 and Table 24. The internal
reference is forced to a powered down state while both DAC channels are powered down, and is only enabled if
any DAC channel is in normal mode of operation in addition to using the command in Table 23. During the time
that the internal reference is disabled, the DAC functions normally using an external reference. At this point, the
internal reference is disconnected from the VREFIN/VREFOUT pin (Hi-Z output).
Enabling Internal Reference
To enable the internal reference, write the 24-bit serial command shown in Table 23. When performing a power
cycle to reset the device, the internal reference is switched off (default mode). In the default mode, the internal
reference is powered down until a valid write sequence is applied to power up the internal reference. However,
the internal reference is forced to a disabled state while both DAC channels are powered down, and remains
disabled until either DAC channel is returned to the normal mode of operation. See DAC Power-Down
Commands for more information on DAC channel modes of operation.
Table 23. Write Sequence for Enabling Internal Reference
Command
Address
Data
X
X
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
1
DB23
DB0
Disabling Internal Reference
To disable the internal reference, write the 24-bit serial command shown in Table 24. When performing a power
cycle to reset the device, the internal reference is disabled (default mode).
Table 24. Write Sequence for Disabling Internal Reference
Command
Address
Data
X
X
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
DB23
DB0
36
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com