Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563SDGST Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563SDGST
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDGST Datasheet(HTML) 45 Page - Texas Instruments

Back Button DAC8563SDGST Datasheet HTML 41Page - Texas Instruments DAC8563SDGST Datasheet HTML 42Page - Texas Instruments DAC8563SDGST Datasheet HTML 43Page - Texas Instruments DAC8563SDGST Datasheet HTML 44Page - Texas Instruments DAC8563SDGST Datasheet HTML 45Page - Texas Instruments DAC8563SDGST Datasheet HTML 46Page - Texas Instruments DAC8563SDGST Datasheet HTML 47Page - Texas Instruments DAC8563SDGST Datasheet HTML 48Page - Texas Instruments DAC8563SDGST Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
SR=max
DV
(t)
OUT
Dt
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
www.ti.com
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
DYNAMIC PERFORMANCE
Dynamic performance parameters are specifications such as settling time or slew rate, which are important in
applications where the signal rapidly changes and/or high frequency signals are present.
Channel-to-Channel Crosstalk
Crosstalk in a multi-channel DAC is defined as a glitch coupled onto the output of a channel (victim) when the
output of an adjacent channel (agressor) has a full-scale transition. It is calculated as the total area under the
measured glitch on the victim channel at mid-scale code. It is expressed in nV-s.
Channel-to-Channel DC Crosstalk
Channel-to-channel dc crosstalk is defined as the dc change in the output level of one DAC channel in response
to a change in the output of another DAC channel. It is measured with a full-scale output change on one DAC
channel while monitoring another DAC channel at mid-scale. It is expressed in LSB.
Code Change/Digital-to-Analog Glitch Impulse
Digital-to-analog glitch impulse is the impulse injected into the analog output when the input code in the DAC
register changes state. It is normally specified as the area of the glitch in nanovolt-seconds (nV-s), and is
measured when the digital input code is changed by 1 LSB at the major carry transition.
DAC Output Noise
DAC output noise is defined as any voltage deviation of DAC output from the desired value (within a particular
frequency band). It is measured with a DAC channel kept at mid-scale while filtering the output voltage within a
band of 0.1 Hz to 10 Hz and measuring its amplitude peaks. It is expressed in terms of peak-to-peak voltage
(VPP).
DAC Output Noise Density
Output noise density is defined as internally-generated random noise. Random noise is characterized as a
spectral density (nV/
√Hz). It is measured by setting the DAC to mid-scale and measuring noise at the output.
Digital Feedthrough
Digital feedthrough is defined as the impulse seen at the output of the DAC from the digital inputs of the DAC. It
is measured when the DAC output is not updated. It is specified in nV-s, and measured with a full-scale code
change on the data bus; that is, from all 0s to all 1s and vice versa.
Output Voltage Settling Time
Settling time is the total time (including slew time) for the DAC output to settle within an error band around its
final value after a change in input. Settling times are specified to within
±0.024% FSR (or whatever value is
stated) of full-scale range.
Slew Rate
The output slew rate (SR) of an amplifier or other electronic circuit is defined as the maximum rate of change of
the output voltage for all possible input signals.
(7)
Where
ΔVOUT(t) is the output produced by the amplifier as a function of time t.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com