Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563SDGST Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563SDGST
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDGST Datasheet(HTML) 33 Page - Texas Instruments

Back Button DAC8563SDGST Datasheet HTML 29Page - Texas Instruments DAC8563SDGST Datasheet HTML 30Page - Texas Instruments DAC8563SDGST Datasheet HTML 31Page - Texas Instruments DAC8563SDGST Datasheet HTML 32Page - Texas Instruments DAC8563SDGST Datasheet HTML 33Page - Texas Instruments DAC8563SDGST Datasheet HTML 34Page - Texas Instruments DAC8563SDGST Datasheet HTML 35Page - Texas Instruments DAC8563SDGST Datasheet HTML 36Page - Texas Instruments DAC8563SDGST Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
IN
O UT
REF
n
D
V
=
V
Gain
2
æ
ö
´
´
ç
÷
è
ø
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
www.ti.com
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
GAIN REGISTERS
The gain register controls the GAIN setting in the DAC transfer function:
(2)
The DAC756x, DAC816x, and DAC856x have a gain register for each channel. The gain for each channel, in
Equation 2, is either 1 or 2. This gain is automatically set to 2 when using the internal reference, and is
automatically set to 1 when the internal reference is disabled (default). However, each channel can have either
gain by setting the registers appropriately. The gain registers are accessible by using command bits = 000 and
address bits = 010, and using DB1 for DAC-B and DB0 for DAC-A. See Table 13 or Table 14 and Table 15 for
the full command structure. The gain registers are automatically reset to provide either gain of 1 or 2 when the
internal reference is powered off or on, respectively. After the reference is powered off or on, the gain register is
again accessible to change the gain.
Table 14. Gain Register Command Structure
Command
Address
Data
X
X
0
0
0
0
1
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
DAC-B
DAC-A
DB23
DB0
Table 15. DAC-n Selection for Gain Register Command
DB1/DB0
Value
Gain
DB0
0
DAC-A uses gain = 2 (default with internal reference)
1
DAC-A uses gain = 1 (default with external reference)
DB1
0
DAC-B uses gain = 2 (default with internal reference)
1
DAC-B uses gain = 1 (default with external reference)
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com