Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564ACX9-B-1 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8564ACX9-B-1
Description  Real time clock and calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564ACX9-B-1 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8564ACX9-B-1 Datasheet HTML 13Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 14Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 15Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 16Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 17Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 18Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 19Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 20Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 30 September 2010
17 of 45
NXP Semiconductors
PCF8564A
Real time clock and calendar
8.8.2 Register Timer
The timer register is an 8-bit binary countdown timer. It is enabled or disabled via the timer
control register. The source clock for the timer is also selected by the timer control
register. Other timer properties such as single or periodic interrupt generation are
controlled via the register Control_2 (address 01h).
For accurate read back of the count down value, the I2C-bus clock (SDA) must be
operating at a frequency of at least twice the selected timer clock. Since it is not possible
to freeze the countdown timer counter during read back, it is recommended to read the
register twice and check for consistent results.
8.9 EXT_CLK test mode
The test mode is entered by setting the TEST1 bit of register Control_1 to logic 1. The
CLKOUT pin then becomes an input. The test mode replaces the internal 64 Hz signal
with that applied to the CLKOUT pin. Every 64 positive edges applied to CLKOUT then
generates an increment of one second.
The signal applied to the CLKOUT pin should have a minimum pulse width of 300 ns and
a maximum period of 1000 ns. The 64 Hz clock, now sourced from CLKOUT, is divided
down to 1 Hz by a 26 divide chain called a prescaler. The prescaler can be set to a known
state by using the STOP bit. When the STOP bit is set, the prescaler is reset to logic 0.
(STOP must be cleared before the prescaler can operate.)
From a STOP condition, the first 1 second increment will take place after 32 positive
edges on CLKOUT. Thereafter, every 64 positive edges will cause a 1 second increment.
Remark: Entry into EXT_CLK test mode is not synchronized to the internal 64 Hz clock.
When entering the test mode, no assumption as to the state of the prescaler can be made.
8.9.1 Operation example
1. Set EXT_CLK test mode (Bit 7 Control_1 = 1).
2. Set STOP (Bit 5 Control_1 = 1).
3. Clear STOP (Bit 5 Control_1 = 0).
4. Set time registers to desired value.
5. Apply 32 clock pulses to CLKOUT.
Table 24.
Timer - timer register (address 0Fh) bit description
Bit
Symbol
Value
Description
7 to 0 TIMER_VALUE[7:0] 00h to FFh countdown value = n;
Table 25.
Timer register bits value range
Bit
7
6
5
4
3
2
1
0
128
64
32
16
8421
CountdownPeriod
n
SourceClockFrequency
---------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com