Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564ACX9-B-1 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF8564ACX9-B-1
Description  Real time clock and calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564ACX9-B-1 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF8564ACX9-B-1 Datasheet HTML 32Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 33Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 34Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 35Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 36Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 37Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 38Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 39Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 30 September 2010
36 of 45
NXP Semiconductors
PCF8564A
Real time clock and calendar
Fig 32. Film Frame Carrier (FFC) for 6 inch wafer
013aaa350
1.2+0
mm
−0.1
73.68 mm
71.79 mm
∅ 193.50 mm
214.50 mm
214.50 mm
0.25
metal frame
plastic film
straight edge
of the wafer
Table 34.
PCF8564A wafer information
Type number
Wafer thickness
Wafer diameter
FFC for wafer size
Marking of bad die
PCF8564AU/5BB/1
0.28 mm
6 inch
-
inking
PCF8564AU/5GB/1
0.69 mm
6 inch
-
inking
PCF8564AU/5GC/1
0.69 mm
6 inch
-
wafer mapping
PCF8564AU/10AB/1
0.20 mm
6 inch
6 inch
inking
PCF8564ACX9/1
0.29 mm
6 inch
6 inch
inking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com